Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H3LIS331DLTR Datasheet(PDF) 10 Page - STMicroelectronics

Part # H3LIS331DLTR
Description  MEMS motion sensor: low-power high-g 3-axis digital accelerometer
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

H3LIS331DLTR Datasheet(HTML) 10 Page - STMicroelectronics

Back Button H3LIS331DLTR Datasheet HTML 6Page - STMicroelectronics H3LIS331DLTR Datasheet HTML 7Page - STMicroelectronics H3LIS331DLTR Datasheet HTML 8Page - STMicroelectronics H3LIS331DLTR Datasheet HTML 9Page - STMicroelectronics H3LIS331DLTR Datasheet HTML 10Page - STMicroelectronics H3LIS331DLTR Datasheet HTML 11Page - STMicroelectronics H3LIS331DLTR Datasheet HTML 12Page - STMicroelectronics H3LIS331DLTR Datasheet HTML 13Page - STMicroelectronics H3LIS331DLTR Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
Mechanical and electrical specifications
H3LIS331DL
10/38
DocID023111 Rev 2
2.2
Electrical characteristics
@ Vdd = 2.5 V, T = 25 °C unless otherwise noted (b).
b. The product is factory calibrated at 2.5 V. The operational power supply range is from 2.16 V to 3.6 V.
Table 4. Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.(1)
Max.
Unit
Vdd
Supply voltage
2.16
2.5
3.6
V
Vdd_IO
I/O pins supply voltage(2)
1.71
Vdd+0.1
V
Idd
Current consumption
in normal mode
300
μA
IddLP
Current consumption in low-
power mode
10
μA
IddPdn
Current consumption in
power-down mode
1
μA
VIH
Digital high-level input
voltage
0.8*Vdd_IO
V
VIL
Digital low-level input voltage
0.2*Vdd_IO
V
VOH
High-level output voltage
0.9*Vdd_IO
V
VOL
Low-level output voltage
0.1*Vdd_IO
V
ODR
Output data rate
in normal mode
DR bit set to 00
50
Hz
DR bit set to 01
100
DR bit set to 10
400
DR bit set to 11
1000
ODRLP
Output data rate in
low-power mode
PM bit set to 010
0.5
Hz
PM bit set to 011
1
PM bit set to 100
2
PM bit set to 101
5
PM bit set to 110
10
BW
System bandwidth(3)
ODR/2
Hz
Ton
Turn-on time(4)
ODR = 100 Hz
1/ODR+1ms
s
Top
Operating temperature range
-40
+85
°C
1. Typical specifications are not guaranteed.
2. It is possible to remove Vdd maintaining Vdd_IO without blocking the communication busses; in this condition the
measurement chain is powered off.
3. Refer to Table 20 for filter cutoff frequency.
4. Time to obtain valid data after exiting power-down mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com