Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3RH1122-2AB00 Datasheet(PDF) 13 Page - Siemens Semiconductor Group

Part # 3RH1122-2AB00
Description  Contactors with Extended Tolerance 0.7 ... 1.25 x , for Railway Applications
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

3RH1122-2AB00 Datasheet(HTML) 13 Page - Siemens Semiconductor Group

Back Button 3RH1122-2AB00 Datasheet HTML 9Page - Siemens Semiconductor Group 3RH1122-2AB00 Datasheet HTML 10Page - Siemens Semiconductor Group 3RH1122-2AB00 Datasheet HTML 11Page - Siemens Semiconductor Group 3RH1122-2AB00 Datasheet HTML 12Page - Siemens Semiconductor Group 3RH1122-2AB00 Datasheet HTML 13Page - Siemens Semiconductor Group 3RH1122-2AB00 Datasheet HTML 14Page - Siemens Semiconductor Group 3RH1122-2AB00 Datasheet HTML 15Page - Siemens Semiconductor Group 3RH1122-2AB00 Datasheet HTML 16Page - Siemens Semiconductor Group 3RH1122-2AB00 Datasheet HTML 17Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 76 page
background image
3RH, 3TH Contactor Relays
3TH4 contactor relays, 8- and 10-pole
3/83
Siemens LV 1 · 2006
■Overview
AC and DC operation
IEC 60947 and EN 60947 (VDE 0660)
The 3TH42/3TH43 contactor relays are suitable for use in any
climate. They are finger-safe according to EN 50274.
Terminal designations according to EN 50011
In terms of their terminal designations, identification numbers
and identification letters, the 3TH42/3TH43 contactor relays
conform to the standard EN 50011 for "Specific Contactor
Relays".
■Selection and ordering data
For accessories, see page 3/139.
Spare parts
Magnetic coils:
AC operation: 3TY7 403-0A.
DC operation: 3TY4 803-0B.
(voltages on request)
Contacts:
The contacts cannot be replaced on 3TH42 contactor relays.
1) Operating range at 220 V: 0.85 to 1.1 x Us;
lower operating range limit according to IEC 60947.
3TH42 ..-0...
Contacts Rated operational current
Ie/AC-15/AC-14
at
Contacts
DT
Order No.
Price
per PU
PU
(UNIT,
SET, M)
PS*
PG
Weight
per PU
approx.
230/
220 V
400/
380 V
500 V 690/
660 V
Ident. No.
acc. to
EN 50011
Version
Number
A
A
A
A
NO
NC
NO
NC
kg
With screw terminals
¼ for screw and snap-on mounting onto
35 mm standard mounting rail
AC operation, rated control supply voltage Us = AC 50 Hz 230/220 V
1)
810
642
80 E
8
------B
3TH42 80-0AP0
1
1 unit
101
0.422
71 E
7
1
----B
3TH42 71-0AP0
1
1 unit
101
0.420
62 E
6
2
----B
3TH42 62-0AP0
1
1 unit
101
0.420
53 E
5
3
----C
3TH42 53-0AP0
1
1 unit
101
0.420
44 E
4
4
----B
3TH42 44-0AP0
1
1 unit
101
0.419
44 E, U
3311B
3TH42 93-0AP0
1
1 unit
101
0.425
DC operation · DC solenoid system, rated control supply voltage Us = 24 V DC
810
642
80 E
8
------B
3TH42 80-0BB4
1
1 unit
101
0.664
71 E
7
1
----B
3TH42 71-0BB4
1
1 unit
101
0.663
62 E
6
2
----B
3TH42 62-0BB4
1
1 unit
101
0.673
53 E
5
3
----B
3TH42 53-0BB4
1
1 unit
101
0.662
44 E
4
4
----B
3TH42 44-0BB4
1
1 unit
101
0.660
44 E, U
3311B
3TH42 93-0BB4
1
1 unit
101
0.667
* You can order this quantity or a multiple thereof.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com