Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3RH1122-2AB00 Datasheet(PDF) 21 Page - Siemens Semiconductor Group

Part # 3RH1122-2AB00
Description  Contactors with Extended Tolerance 0.7 ... 1.25 x , for Railway Applications
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

3RH1122-2AB00 Datasheet(HTML) 21 Page - Siemens Semiconductor Group

Back Button 3RH1122-2AB00 Datasheet HTML 17Page - Siemens Semiconductor Group 3RH1122-2AB00 Datasheet HTML 18Page - Siemens Semiconductor Group 3RH1122-2AB00 Datasheet HTML 19Page - Siemens Semiconductor Group 3RH1122-2AB00 Datasheet HTML 20Page - Siemens Semiconductor Group 3RH1122-2AB00 Datasheet HTML 21Page - Siemens Semiconductor Group 3RH1122-2AB00 Datasheet HTML 22Page - Siemens Semiconductor Group 3RH1122-2AB00 Datasheet HTML 23Page - Siemens Semiconductor Group 3RH1122-2AB00 Datasheet HTML 24Page - Siemens Semiconductor Group 3RH1122-2AB00 Datasheet HTML 25Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 76 page
background image
3RT Coupling Relays
3RT10 coupling relays (interface),
for switching motors, 3-pole, 3 ... 11 kW
3/91
Siemens LV 1 · 2006
DC operation
Cage Clamp terminals
Low power consumption
Extended operating range of the coils
Integrated coil circuit
Surge
suppressors
Rated data
AC-2 and AC-3,
Tu: up to 60 °C
Auxiliary contacts
DT
Cage Clamp terminals
PU
(UNIT,
SET, M)
PS*
PG
Weight
per PU
approx.
Opera-
tional
current Ie
up to
Rating of
induction
motors at
50 Hz and
Ident.
No.
Version
Order No.
Price
per PU
400 V
400 V
A
kW
NO
NC
kg
For screw and snap-on mounting onto 35 mm standard mounting rail
3RT10 1.-2JB4
Size S00
Terminal designations according to EN 50012
Rated control supply voltage Us = 24 V DC, coil operating range 0.7 to 1.25 x Us
Power consumption of the coils 2.3 W at 24 V (no auxiliary switch blocks can be mounted)
Diode, varistor
or RC element,
attachable
7
3
10
--
1
}
3RT10 15-2HB41
1
1 unit
101
0.254
01
1
--
}
3RT10 15-2HB42
1
1 unit
101
0.254
Built-in diode
7
3
10
--
1
}
3RT10 15-2JB41
1
1 unit
101
0.255
01
1
--
}
3RT10 15-2JB42
1
1 unit
101
0.255
Built-in varistor 7
3
10
--
1
}
3RT10 15-2KB41
1
1 unit
101
0.257
01
1
--
}
3RT10 15-2KB42
1
1 unit
101
0.256
Diode, varistor
or RC element,
attachable
9
4
10
--
1
B
3RT10 16-2HB41
1
1 unit
101
0.254
01
1
--
B
3RT10 16-2HB42
1
1 unit
101
0.256
Built-in diode
9
4
10
--
1
}
3RT10 16-2JB41
1
1 unit
101
0.256
01
1
--
}
3RT10 16-2JB42
1
1 unit
101
0.256
Built-in varistor 9
4
10
--
1
}
3RT10 16-2KB41
1
1 unit
101
0.255
01
1
--
}
3RT10 16-2KB42
1
1 unit
101
0.255
Diode, varistor
or RC element,
attachable
12
5.5
10
--
1
B
3RT10 17-2HB41
1
1 unit
101
0.257
01
1
--
B
3RT10 17-2HB42
1
1 unit
101
0.253
Built-in diode
12
5.5
10
--
1
}
3RT10 17-2JB41
1
1 unit
101
0.255
01
1
--
}
3RT10 17-2JB42
1
1 unit
101
0.256
Built-in varistor 12
5.5
10
--
1
}
3RT10 17-2KB41
1
1 unit
101
0.256
01
1
--
}
3RT10 17-2KB42
1
1 unit
101
0.256
For accessories, see page 3/119.
* You can order this quantity or a multiple thereof.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com