Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8315VRAGDA Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MPC8315VRAGDA
Description  Public key execution unit (PKEU)
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8315VRAGDA Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MPC8315VRAGDA Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC8315VRAGDA Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC8315VRAGDA Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC8315VRAGDA Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC8315VRAGDA Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC8315VRAGDA Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC8315VRAGDA Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8315VRAGDA Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8315VRAGDA Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 106 page
background image
MPC8315E PowerQUICC II Pro Processor Hardware Specifications, Rev. 2
Freescale Semiconductor
3
MPC8315E Features
•
16-Kbyte instruction cache, 16-Kbyte data cache
•
One floating point unit and two integer units
•
Software-compatible with the Freescale processor families implementing the PowerPC
Architecture
•
Performance monitor
2.2
Serial Interfaces
The following interfaces are supported in the MPC8315E.
•
Two enhanced TSECs (eTSECs)
•
Two Ethernet interfaces using one RGMII/MII/RMII/RTBI or SGMII (no GMII)
•
Dual UART, one I2C, and one SPI interface
2.3
Security Engine
The security engine is optimized to handle all the algorithms associated with IPSec, 802.11i, and iSCSI.
The security engine contains one crypto-channel, a controller, and a set of crypto execution units (EUs).
The execution units are:
•
Public key execution unit (PKEU)
— RSA and Diffie-Hellman (to 4096 bits)
— Programmable field size up to 2048 bits
— Elliptic curve cryptography (1023 bits)
— F2m and F(p) modes
— Programmable field size up to 511 bits
•
Data encryption standard execution unit (DEU)
— DES, 3DES
— Two key (K1, K2) or three key (K1, K2, K3)
— ECB, CBC, CFB-64 and OFB-64 modes for both DES and 3DES
•
Advanced encryption standard unit (AESU)
— Implements the Rinjdael symmetric key cipher
— Key lengths of 128, 192, and 256 bits
— ECB, CBC, CCM, CTR, GCM, CMAC, OFB, CFB, XCBC-MAC and LRW modes
— XOR acceleration
•
Message digest execution unit (MDEU)
— SHA with 160-bit, 256-bit, 384-bit and 512-bit message digest
— SHA-384/512
— MD5 with 128-bit message digest
— HMAC with either algorithm
•
Random number generator (RNG)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com