Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8315VRAGDA Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # MPC8315VRAGDA
Description  Public key execution unit (PKEU)
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8315VRAGDA Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MPC8315VRAGDA Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC8315VRAGDA Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8315VRAGDA Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8315VRAGDA Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC8315VRAGDA Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC8315VRAGDA Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC8315VRAGDA Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC8315VRAGDA Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC8315VRAGDA Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 106 page
background image
MPC8315E PowerQUICC II Pro Processor Hardware Specifications, Rev. 2
10
Freescale Semiconductor
Electrical Characteristics
Dedicated USB ground for USB bias circuit
USB_VSSA_BIAS
0.0
V
—
—
Dedicated power for USB transceiver
USB_VDDA
3.3 ± 300 mv
V
Switched Off
—
Dedicated ground for USB transceiver
USB_VSSA
0.0
V
—
—
SATA digital power
SATA_VDD
1.0 ± 50 mv
V
Switched Off
—
SATA digital ground
SATA_VSS
0.0
V
—
—
SATA analog I/O power
VDD1IO
1.0 ± 50 mv
V
Switched Off
—
SATA analog I/O ground
VSS1IO
0.0
V
—
—
SATA core analog power
VDD1ANA
1.0 ± 50 mv
V
Switched Off
—
SATA analog ground
VSS1ANA
0.0
V
—
—
SATA analog power PLL
VDD33PLL
3.3 ± 165 mv
V
Switched Off
—
SATA 3.3 analog power
VDD33ANA
3.3 ± 165 mv
V
Switched Off
—
SATA reference analog ground
VSSRESREF
0.0
V
—
—
Core supply voltage
VDD
1.0 ± 50 mv
V
Switched Off
—
Core supply voltage
VDDC
1.0 ± 50 mv
V
Switched On
—
Analog power for e300 core APLL
AVDD1
1.0 ± 50 mv
V
Switched Off
6
Analog power for system APLL
AVDD2
1.0 ± 50 mv
V
Switched On
6
DDR and DDR2 DRAM I/O voltage
GVDD
2.5 ± 200 mv
1.8 ± 100 mv
V
Switched Off
—
Differential reference voltage for DDR and DDR2
controller
MVREF
GVDD /2
V
Switched Off
—
Standard I/O voltage
NVDD1_ON
3.3 ± 300 mv
V
Switched On
1
Standard I/O voltage
NVDD2_ON
3.3 ± 300 mv
V
Switched On
1
Standard I/O voltage
NVDD1_OFF
3.3 ± 300 mv
V
Switched Off
2
Standard I/O voltage
NVDD2_OFF
3.3 ± 300 mv
V
Switched Off
2
Standard I/O voltage
NVDD3_OFF
3.3 ± 300 mv
V
Switched Off
2
Standard I/O voltage
NVDD4_OFF
3.3 ± 300 mv
V
Switched Off
2
eTSEC/USBdr I/O supply
LVDD1_OFF
2.5 ± 125 mv
3.3 ± 300 mv
V
Switched Off
—
eTSEC I/O supply
LVDD2_ON
2.5 ± 125 mv
3.3 ± 300 mv
V
Switched On
—
Analog and digital ground
VSS
0.0
V
—
—
Junction temperature range
TA/TJ
0 to105
C—
3
Table 2. Recommended Operating Conditions (continued)
Characteristic
Symbol
Recommended
Value1
Unit
Status in D3
Warm mode
Note



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com