Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM1704U/2K Datasheet(PDF) 1 Page - Texas Instruments

Part # PCM1704U/2K
Description  BiCMOS Sign-Magnitude DIGITAL-TO-ANALOG CONVERTER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1704U/2K Datasheet(HTML) 1 Page - Texas Instruments

  PCM1704U/2K Datasheet HTML 1Page - Texas Instruments PCM1704U/2K Datasheet HTML 2Page - Texas Instruments PCM1704U/2K Datasheet HTML 3Page - Texas Instruments PCM1704U/2K Datasheet HTML 4Page - Texas Instruments PCM1704U/2K Datasheet HTML 5Page - Texas Instruments PCM1704U/2K Datasheet HTML 6Page - Texas Instruments PCM1704U/2K Datasheet HTML 7Page - Texas Instruments PCM1704U/2K Datasheet HTML 8Page - Texas Instruments PCM1704U/2K Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
24-Bit, 96kHz
BiCMOS Sign-Magnitude
DIGITAL-TO-ANALOG CONVERTER
49%
FPO
International Airport Industrial Park • Mailing Address: PO Box 11400, Tucson, AZ 85734 • Street Address: 6730 S. Tucson Blvd., Tucson, AZ 85706 • Tel: (520) 746-1111 • Twx: 910-952-1111
Internet: http://www.burr-brown.com/ • FAXLine: (800) 548-6133 (US/Canada Only) • Cable: BBRCORP • Telex: 066-6491 • FAX: (520) 889-1510 • Immediate Product Info: (800) 548-6132
PCM1704
®
FEATURES
q SAMPLING FREQUENCY (f
S): 16kHz to 96kHz
q 8X OVERSAMPLING AT 96kHz
q INPUT AUDIO DATA WORD: 20-, 24-Bit
q HIGH PERFORMANCE:
Dynamic Range: K Grade = 112dB typ
SNR: 120dB typ
THD+N: K Grade = 0.0008% typ
q FAST CURRENT OUTPUT:
±1.2mA/200ns
q GLITCH-FREE OUTPUT
q PIN-PROGRAMMABLE DATA INVERSION
q POWER SUPPLY:
±5V
q SMALL 20-LEAD SO PACKAGE
© 1998 Burr-Brown Corporation
PDS-1454C
Printed in U.S.A. February, 1999
TM
DESCRIPTION
The PCM1704 is a precision, 24-bit digital-to-analog
converter with exceptionally high dynamic perfor-
mance. The ultra-low distortion and excellent low-
level signal performance makes the PCM1704 an ideal
candidate for high-end consumer and professional
audio applications. When used with a digital interpo-
lation filter, the PCM1704 supports 8X oversampling
at 96kHz.
The PCM1704 incorporates a BiCMOS sign-magni-
tude architecture that eliminates glitches and other
nonlinearities around bipolar zero. The PCM1704 is
precision laser-trimmed at the factory to minimize
differential linearity and gain errors.
In addition to high performance audio systems, the
PCM1704 is well-suited to waveform synthesis appli-
cations requiring very low distortion and noise.
Serial Input
and
Control Logic
Reference and Servo
REF DC SERVO DC
DGND +V
DD
–V
CC
AGND
23-Bit DAC A
23-Bit DAC B
I
OUT
Bipolar Offset
INVERT
20-BIT
WCLK
DATA
BCLK
Power Supply
–V
DD
+V
CC BPO DC
PCM1
704
SBAS097


Similar Part No. - PCM1704U/2K

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM1704U BURR-BROWN-PCM1704U Datasheet
229Kb / 9P
24-Bit, 96kHz BiCMOS Sign-Magnitude DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - PCM1704U/2K

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC12041 NSC-ADC12041 Datasheet
591Kb / 28P
12-Bit Plus Sign 216 kHz Sampling Analog-to-Digital Converter
ADC12048 NSC-ADC12048 Datasheet
635Kb / 30P
12-Bit Plus Sign 216 kHz 8-Channel Sampling Analog-to-Digital Converter
logo
Burr-Brown (TI)
PCM1702P BURR-BROWN-PCM1702P Datasheet
129Kb / 8P
BiCMOS Advanced Sign Magnitude 20-Bit DIGITAL-TO-ANALOG CONVERTER
PCM1704 BURR-BROWN-PCM1704 Datasheet
229Kb / 9P
24-Bit, 96kHz BiCMOS Sign-Magnitude DIGITAL-TO-ANALOG CONVERTER
PCM67P BURR-BROWN-PCM67P Datasheet
95Kb / 13P
Advanced 1-Bit BiCMOS Dual 18-Bit DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
TL505C TI-TL505C Datasheet
316Kb / 7P
ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
PCM1702P BURR-BROWN-PCM1702P_07 Datasheet
272Kb / 13P
BiCMOS Advanced Sign Magnitude 20-Bit DIGITAL-TO-ANALOG CONVERTER
logo
National Semiconductor ...
ADC12048 NSC-ADC12048_02 Datasheet
712Kb / 32P
12-Bit Plus Sign 216kHz 8-Channel Sampling Analog-to-Digital Converter
logo
Texas Instruments
TL507 TI1-TL507 Datasheet
118Kb / 7P
ANALOG-TO-DIGITAL CONVERTER
ADC12048 TI1-ADC12048 Datasheet
1Mb / 36P
12-Bit Plus Sign 216 kHz 8-Channel Sampling Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com