Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FST16209 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FST16209
Description  18-Bit Bus Exchange Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FST16209 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FST16209 Datasheet HTML 1Page - Fairchild Semiconductor FST16209 Datasheet HTML 2Page - Fairchild Semiconductor FST16209 Datasheet HTML 3Page - Fairchild Semiconductor FST16209 Datasheet HTML 4Page - Fairchild Semiconductor FST16209 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© 1999 Fairchild Semiconductor Corporation
DS500056
www.fairchildsemi.com
September 1997
Revised December 1999
FST16209
18-Bit Bus Exchange Switch
General Description
The Fairchild Switch FST16209 provides 18-bits of high-
speed CMOS TTL-compatible bus switching or exchang-
ing. The low on resistance of the switch allows inputs to be
connected to outputs without adding propagation delay or
generating additional ground bounce noise.
The device operates as a 18-bit bus switch or a 9-bit bus
exchanger, which allows data exchange between the four
signal ports via the data-select terminals.
Features
s 4
Ω switch connection between two ports.
s Minimal propagation delay through the switch.
s Low lCC.
s Zero bounce in flow-through mode.
s Control inputs compatible with TTL level.
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Logic Diagram
Truth Table
Connection Diagram
Pin Descriptions
Order Number
Package Number
Package Description
FST16209MEA
MS48A
48-Lead Small Shrink Outline Package (SSOP), JEDEC MO-118, 0.300 Wide
FST16209MTD
MTD48
48-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 6.1mm Wide
S2
S1
S0
A1
A2
Function
L
L
L
Z
Z
Disconnect
LL
H
B1
ZA1 = B1
LH
L
B2
ZA1 = B2
LH
H
Z
B1
A2 = B1
HL
L
Z
B2
A2 = B2
H
L
H
Z
Z
Disconnect
HH
L
B1
B2
A1 = B1, A2 = B2
HHH
B2
B1
A1 = B2, A2 = B1
Pin Name
Description
S2, S1, S0
Data-select inputs
A1, A2
Bus A
B1, B2
Bus B


Similar Part No. - FST16209

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FST16210 FAIRCHILD-FST16210 Datasheet
110Kb / 4P
20-Bit Bus Switch
FST16210MTD FAIRCHILD-FST16210MTD Datasheet
118Kb / 4P
20-Bit Bus Switch
FST16210 FAIRCHILD-FST16210_05 Datasheet
118Kb / 4P
20-Bit Bus Switch
FST16211 FAIRCHILD-FST16211 Datasheet
287Kb / 8P
24-Bit Bus Switch
logo
ON Semiconductor
FST16211 ONSEMI-FST16211 Datasheet
392Kb / 9P
24-Bit Bus Switch
Revised July 2002
More results

Similar Description - FST16209

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FST16212 FAIRCHILD-FST16212 Datasheet
155Kb / 5P
24-Bit Bus Exchange Switch
FST16213 FAIRCHILD-FST16213 Datasheet
153Kb / 6P
24-Bit Bus Exchange Switch
logo
Integrated Device Techn...
IDT74FST163209 IDT-IDT74FST163209 Datasheet
82Kb / 6P
9-BIT BUS EXCHANGE SWITCH
IDT74FST163212 IDT-IDT74FST163212 Datasheet
81Kb / 6P
24-BIT BUS EXCHANGE SWITCH
IDT74FST163213 IDT-IDT74FST163213 Datasheet
82Kb / 6P
24-BIT BUS EXCHANGE SWITCH
IDT74FST163383 IDT-IDT74FST163383 Datasheet
93Kb / 6P
20-BIT BUS EXCHANGE SWITCH
logo
Toshiba Semiconductor
TC7WB383FK TOSHIBA-TC7WB383FK Datasheet
111Kb / 7P
2-Bit Bus Exchange Switch
17-Sep-2001
logo
Pericom Semiconductor C...
PI3B16209 PERICOM-PI3B16209 Datasheet
70Kb / 3P
3.3V, 18-Bit Bus Exchange Switch
logo
Texas Instruments
SN54CBT16209 TI-SN54CBT16209_07 Datasheet
346Kb / 14P
18-BIT FET BUS-EXCHANGE SWITCHES
SN74CBT3383 TI1-SN74CBT3383_16 Datasheet
1Mb / 26P
10-Bit Bus-Exchange Switch
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com