Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JS28F512P30TFA Datasheet(PDF) 50 Page - Micron Technology

Part # JS28F512P30TFA
Description  Numonyx Axcell P30-65nm Flash Memory
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

JS28F512P30TFA Datasheet(HTML) 50 Page - Micron Technology

Back Button JS28F512P30TFA Datasheet HTML 46Page - Micron Technology JS28F512P30TFA Datasheet HTML 47Page - Micron Technology JS28F512P30TFA Datasheet HTML 48Page - Micron Technology JS28F512P30TFA Datasheet HTML 49Page - Micron Technology JS28F512P30TFA Datasheet HTML 50Page - Micron Technology JS28F512P30TFA Datasheet HTML 51Page - Micron Technology JS28F512P30TFA Datasheet HTML 52Page - Micron Technology JS28F512P30TFA Datasheet HTML 53Page - Micron Technology JS28F512P30TFA Datasheet HTML 54Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 86 page
background image
P30-65nm
Datasheet
Sept 2012
50
Order Number: 208042-0
6
15.2
Capacitance
Figure 17: Clock Input AC Waveform
Table 24: Capacitance
Symbol
Parameter
Signals
Min
Typ
Max
Unit
Condition
Note
CIN
Input Capacitance
Address, Data,
CE#, WE#, OE#,
RST#, CLK,
ADV#, WP#
512-Mbit
3
7
8
pF
Typ temp = 25°C,
Max temp = 85°C,
VCC = (0V - 2.0V),
VCCQ = (0V - 3.6V)
1
1-Gbit
4
8
9
2-Gbit
6
16
18
COUT
Output
Capacitance
Data, WAIT
512-Mbit
3
5
6
1-Gbit
3
5
6
2-Gbit
6
10
12
Note:
Sampled, not 100% tested.
CLK [C]
V
IH
V
IL
R203
R202
R201
CLKINPUT.WMF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com