Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JS28F512P30TFA Datasheet(PDF) 43 Page - Micron Technology

Part # JS28F512P30TFA
Description  Numonyx Axcell P30-65nm Flash Memory
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

JS28F512P30TFA Datasheet(HTML) 43 Page - Micron Technology

Back Button JS28F512P30TFA Datasheet HTML 39Page - Micron Technology JS28F512P30TFA Datasheet HTML 40Page - Micron Technology JS28F512P30TFA Datasheet HTML 41Page - Micron Technology JS28F512P30TFA Datasheet HTML 42Page - Micron Technology JS28F512P30TFA Datasheet HTML 43Page - Micron Technology JS28F512P30TFA Datasheet HTML 44Page - Micron Technology JS28F512P30TFA Datasheet HTML 45Page - Micron Technology JS28F512P30TFA Datasheet HTML 46Page - Micron Technology JS28F512P30TFA Datasheet HTML 47Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 86 page
background image
Datasheet
Sept 2012
43
Order Number:208042-0
6
P30-65nm
The device programs the 64-bit and Sixteen 128-bit user-programmable OTP Register
data 16 bits at a time (see Figure 37, “OTP Register Programming Flowchart” on
page 79). Issuing the OTP Register Program Setup command outside of the OTP
Register’s address space causes a program error (SR.4 set). Attempting to program a
locked OTP Register causes a program error (SR.4 set) and a lock error (SR.1 set).
Note:
When programming the OTP bits in the OTP Registers for a Top Parameter Device, the
upper addresses A[Max:17] must also be driven high (VIH) for TSOP and Easy BGA
packages.
11.3.3
Locking the OTP Registers
Each OTP Register can be locked by programming its respective lock bit in the Lock
Register. To lock an OTP Register, program the corresponding bit in the Lock Register by
issuing the Lock Register Program Setup command, followed by the desired Lock
Register data (see Section 6.2, “Device Command Bus Cycles” on page 20). The
physical addresses of the Lock Registers are 0x80 for register 0 and 0x89 for register 1.
These addresses are used when programming the Lock Registers (see Table 8, “Device
Identifier Information” on page 22).
Bit 0 of Lock Register 0 is already programmed during the manufacturing process at
Numonyx factory, locking the lower half segment of the first 128-bit OTP Register. Bit 1
of Lock Register 0 can be programmed by user to the upper half segment of the first
128-bit OTP Register. When programming Bit 1 of Lock Register 0, all other bits need to
be left as ‘1’ such that the data programmed is 0xFFFD.
Lock Register 1 controls the locking of the upper sixteen 128-bit OTP Registers. Each
bit of Lock Register 1 corresponds to a specific 128-bit OTP Register; e.g.,
programming LR1.0 locks the corresponding OTP Register 1.
Caution:
After being locked, the OTP Registers cannot be unlocked.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com