Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FST16211 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FST16211
Description  24-Bit Bus Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FST16211 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FST16211 Datasheet HTML 1Page - Fairchild Semiconductor FST16211 Datasheet HTML 2Page - Fairchild Semiconductor FST16211 Datasheet HTML 3Page - Fairchild Semiconductor FST16211 Datasheet HTML 4Page - Fairchild Semiconductor FST16211 Datasheet HTML 5Page - Fairchild Semiconductor FST16211 Datasheet HTML 6Page - Fairchild Semiconductor FST16211 Datasheet HTML 7Page - Fairchild Semiconductor FST16211 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© 2000 Fairchild Semiconductor Corporation
DS500037
www.fairchildsemi.com
July 1997
Revised August 2000
FST16211
24-Bit Bus Switch
General Description
The Fairchild Switch FST16211 provides 24-bits of high-
speed CMOS TTL-compatible bus switching. The low on
resistance of the switch allows inputs to be connected to
outputs without adding propagation delay or generating
additional ground bounce noise.
The device is organized as a 12-bit or 24-bit bus switch.
When OE1 is LOW, the switch is ON and Port 1A is con-
nected to Port 1B. When OE2 is LOW, Port 2A is connected
to Port 2B. When OE1/2 is HIGH, a high impedance state
exists between the A and B Ports.
Features
s 4
Ω switch connection between two ports
s Minimal propagation delay through the switch
s Low lCC
s Zero bounce in flow-through mode
s Control inputs compatible with TTL level
s Also packaged in plastic Fine Pitch Ball Grid Array
(FBGA)
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Note 1: BGA package available in Tape and Reel only.
Logic Diagram
Order Number
Package Number
Package Description
FST16211GX
(Note 1)
BGA54A
Preliminary
54-Ball Fine-Pitch Ball Grid Array (FBGA), JEDEC MO-195, 5.5mm Wide
[TAPE and REEL]
FST16211MEA
MS56A
56-Lead Shrink Small Outline Package (SSOP), JEDEC MO-118, 0.300 Wide
FST16211MTD
MTD56
56-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 6.1mm Wide


Similar Part No. - FST16211

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FST16211 ONSEMI-FST16211 Datasheet
392Kb / 9P
24-Bit Bus Switch
Revised July 2002
FST16211G ONSEMI-FST16211G Datasheet
392Kb / 9P
24-Bit Bus Switch
Revised July 2002
FST16211MEA ONSEMI-FST16211MEA Datasheet
392Kb / 9P
24-Bit Bus Switch
Revised July 2002
FST16211MTD ONSEMI-FST16211MTD Datasheet
392Kb / 9P
24-Bit Bus Switch
Revised July 2002
More results

Similar Description - FST16211

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSLV16211 FAIRCHILD-FSLV16211 Datasheet
239Kb / 6P
24-Bit Bus Switch
logo
Pericom Semiconductor C...
PI5C16211 PERICOM-PI5C16211 Datasheet
115Kb / 3P
24-Bit Bus Switch
logo
Fairchild Semiconductor
FSLV16211 FAIRCHILD-FSLV16211_07 Datasheet
304Kb / 8P
24-Bit Bus Switch
logo
Texas Instruments
SN74CBT16211 TI-SN74CBT16211 Datasheet
68Kb / 5P
24-BIT BUS SWITCH
logo
Pericom Semiconductor C...
PI5C16211AEX PERICOM-PI5C16211AEX Datasheet
467Kb / 4P
24-Bit Bus Switch
logo
NXP Semiconductors
74CBTLV16211 PHILIPS-74CBTLV16211_15 Datasheet
158Kb / 16P
24-bit bus switch
Rev. 6-15 December 2011
logo
ON Semiconductor
FSLV16211 ONSEMI-FSLV16211 Datasheet
431Kb / 9P
24-Bit Bus Switch
October 2010 Rev. 1.0.2
FST16211 ONSEMI-FST16211 Datasheet
392Kb / 9P
24-Bit Bus Switch
Revised July 2002
logo
Nexperia B.V. All right...
74CBTLV1621 NEXPERIA-74CBTLV1621 Datasheet
374Kb / 18P
24-bit bus switch
74CBTLV16211 NEXPERIA-74CBTLV16211 Datasheet
373Kb / 18P
24-bit bus switch
Rev. 7 - 9 November 2016
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com