Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLA2ABB220SN4 Datasheet(PDF) 63 Page - Murata Manufacturing Co., Ltd.

Part # BLA2ABB220SN4
Description  EMI Suppression Filters
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

BLA2ABB220SN4 Datasheet(HTML) 63 Page - Murata Manufacturing Co., Ltd.

Back Button BLA2ABB220SN4 Datasheet HTML 59Page - Murata Manufacturing Co., Ltd. BLA2ABB220SN4 Datasheet HTML 60Page - Murata Manufacturing Co., Ltd. BLA2ABB220SN4 Datasheet HTML 61Page - Murata Manufacturing Co., Ltd. BLA2ABB220SN4 Datasheet HTML 62Page - Murata Manufacturing Co., Ltd. BLA2ABB220SN4 Datasheet HTML 63Page - Murata Manufacturing Co., Ltd. BLA2ABB220SN4 Datasheet HTML 64Page - Murata Manufacturing Co., Ltd. BLA2ABB220SN4 Datasheet HTML 65Page - Murata Manufacturing Co., Ltd. BLA2ABB220SN4 Datasheet HTML 66Page - Murata Manufacturing Co., Ltd. BLA2ABB220SN4 Datasheet HTML 67Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 88 page
background image
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
C31E.pdf
Mar.28,2011
74
Frequency (MHz)
30
300
50
100
150
200
250
45
85
50
55
60
65
70
75
80
Frequency (MHz)
30
300
50
100
150
200
250
45
85
50
55
60
65
70
75
80
Frequency (MHz)
30
300
50
100
150
200
250
45
85
50
55
60
65
70
75
80
AC04
AC00
1MHz
Measuring Circuits
Filter
Measuring Point
Pattern20cm
Waveform Distortion Suppressing
Performance of BLMppR Series
Type of Filter
EMI Suppression Effect / Description
Initial
(No filter)
Resister (47
Ω)
is used
BLM18RK221SN1
(220
Ω at 100MHz)
is used
Ringing is caused on the signal waveform.
Such ringing contains several hundred MHz harmonic components and generates noise.
Signal waveform (100nsec/div, 2V/div)
Expand (10nsec/div, 2V/div)
Spectrum
Comparing initial waveform, ringing is suppressed a little.
However there still remains high level waveform distortion.
Signal waveform (100nsec/div, 2V/div)
Expand (10nsec/div, 2V/div)
Spectrum
BLM18R has excellent performance for noise suppression and waveform distortion suppression.
BLM18R suppresses drastically not only spectrum level in more than 100MHz range but waveform distortion.
Signal waveform (100nsec/div, 2V/div)
Expand (10nsec/div, 2V/div)
Spectrum
EMI
Suppression
Effect
BLMppR Series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com