Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLA2ABB220SN4 Datasheet(PDF) 72 Page - Murata Manufacturing Co., Ltd.

Part # BLA2ABB220SN4
Description  EMI Suppression Filters
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

BLA2ABB220SN4 Datasheet(HTML) 72 Page - Murata Manufacturing Co., Ltd.

Back Button BLA2ABB220SN4 Datasheet HTML 68Page - Murata Manufacturing Co., Ltd. BLA2ABB220SN4 Datasheet HTML 69Page - Murata Manufacturing Co., Ltd. BLA2ABB220SN4 Datasheet HTML 70Page - Murata Manufacturing Co., Ltd. BLA2ABB220SN4 Datasheet HTML 71Page - Murata Manufacturing Co., Ltd. BLA2ABB220SN4 Datasheet HTML 72Page - Murata Manufacturing Co., Ltd. BLA2ABB220SN4 Datasheet HTML 73Page - Murata Manufacturing Co., Ltd. BLA2ABB220SN4 Datasheet HTML 74Page - Murata Manufacturing Co., Ltd. BLA2ABB220SN4 Datasheet HTML 75Page - Murata Manufacturing Co., Ltd. BLA2ABB220SN4 Datasheet HTML 76Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 88 page
background image
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
C31E.pdf
Mar.28,2011
83
Available up to high-GHz band noise.
BLM15GSeries (0402 Size)
BLM Series
Signal Lines Type Chip Ferrite Bead
s Dimensions
s Equivalent Circuit
s Packaging
s Impedance-Frequency Characteristics (Main Items)
s Rated Value (p: packaging code)
s Impedance-Frequency Characteristics
BLM15GA750SN1
BLM15GG221SN1
BLM15GG471SN1
Refer to pages from p.91 to p.94 for mounting information.
BLM15G
Code
Packaging
Minimum
Quantity
D
180mm Reel Paper Tape
10000
J
330mm Reel Paper Tape
50000
B
Bulk(Bag)
1000
Part Number
Impedance
(at 100MHz/20
°C)
Impedance
(at 1GHz/20
°C)
Rated Current
DC Resistance
Operating
Temperature Range
BLM15GA750SN1p
75ohm
±25%
1000ohm
±40%
200mA
1.3ohm max.
-55
°C to +125°C
BLM15GG221SN1p
220ohm
±25%
600ohm
±40%
300mA
0.7ohm max.
-55
°C to +125°C
BLM15GG471SN1p
470ohm
±25%
1200ohm
±40%
200mA
1.3ohm max.
-55
°C to +125°C
Number of Circuits: 1
0.5
±0.05
1.0
±0.05
0.25
±0.1
(in mm)
: Electrode
Frequency (MHz)
1
10
100
1000
3000
0
500
1000
1500
2000
2500
BLM15GG471SN1
BLM15GG221SN1
BLM15GA750SN1
1
10
100
1000
3000
Frequency (MHz)
0
500
1000
1500
2000
2500
Z
R
X
1
10
100
1000
3000
Frequency (MHz)
0
300
600
900
1200
1500
Z
R
X
1
10
100
1000
3000
Frequency (MHz)
0
250
500
750
1000
1250
1500
Z
R
X
(Resistance element becomes dominant
at high frequencies.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com