Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7939BCPZ Datasheet(PDF) 17 Page - Analog Devices

Part # AD7939BCPZ
Description  8-Channel, 1.5 MSPS, 12-Bit and 10-Bit Parallel ADCs with a Sequencer
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7939BCPZ Datasheet(HTML) 17 Page - Analog Devices

Back Button AD7939BCPZ Datasheet HTML 13Page - Analog Devices AD7939BCPZ Datasheet HTML 14Page - Analog Devices AD7939BCPZ Datasheet HTML 15Page - Analog Devices AD7939BCPZ Datasheet HTML 16Page - Analog Devices AD7939BCPZ Datasheet HTML 17Page - Analog Devices AD7939BCPZ Datasheet HTML 18Page - Analog Devices AD7939BCPZ Datasheet HTML 19Page - Analog Devices AD7939BCPZ Datasheet HTML 20Page - Analog Devices AD7939BCPZ Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
Data Sheet
AD7938/AD7939
Rev. C | Page 17 of 36
SHADOW REGISTER
The shadow register on the AD7938/AD7939 is an 8-bit, write-
only register. Data is loaded from DB0 to DB7 on the rising
edge of WR. The eight LSBs load into the shadow register. The
information is written into the shadow register provided that
the SEQ and SHDW bits in the control register were set to 0 and
1, respectively, in the previous write to the control register. Each
bit represents an analog input from Channel 0 through Channel 7.
A sequence of channels can be selected through which the
AD7938/AD7939 cycles with each consecutive conversion after
the write to the shadow register. To select a sequence of
channels to be converted, if operating in single-ended mode or
Pseudo Mode 2, the associated channel bit in the shadow
register must be set for each required analog input. When
operating in fully differential mode or Pseudo Mode 1, the
associated pair of channel bits must be set for each pair of
analog inputs required in the sequence. With each consecutive
CONVST pulse after the sequencer has been set up, the
AD7938/AD7939 progress through the selected channels in
ascending order, beginning with the lowest channel. This
continues until a write operation occurs with the SEQ and
SHDW bits configured in any way except 1, 0 (see Table 11).
When a sequence is set up in fully differential mode or Pseudo
Mode 1, the ADC does not convert on the inverse pairs (that is,
VIN1, VIN0). The bit functions of the shadow register are
outlined in Table 12. See the Analog Input Selection section for
further information on using the sequencer.
Table 12. Shadow Register Bit Functions
MSB
LSB
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
VIN7
VIN6
VIN5
VIN4
VIN3
VIN2
VIN1
VIN0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com