Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7939BCPZ Datasheet(PDF) 25 Page - Analog Devices

Part # AD7939BCPZ
Description  8-Channel, 1.5 MSPS, 12-Bit and 10-Bit Parallel ADCs with a Sequencer
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7939BCPZ Datasheet(HTML) 25 Page - Analog Devices

Back Button AD7939BCPZ Datasheet HTML 21Page - Analog Devices AD7939BCPZ Datasheet HTML 22Page - Analog Devices AD7939BCPZ Datasheet HTML 23Page - Analog Devices AD7939BCPZ Datasheet HTML 24Page - Analog Devices AD7939BCPZ Datasheet HTML 25Page - Analog Devices AD7939BCPZ Datasheet HTML 26Page - Analog Devices AD7939BCPZ Datasheet HTML 27Page - Analog Devices AD7939BCPZ Datasheet HTML 28Page - Analog Devices AD7939BCPZ Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
Data Sheet
AD7938/AD7939
Rev. C | Page 25 of 36
PARALLEL INTERFACE
The AD7938/AD7939 have a flexible, high speed, parallel
interface. This interface is 12-bits (AD7938) or 10-bits
(AD7939) wide and is capable of operating in either word
(W/B tied high) or byte (W/B tied low) mode. The CONVST
signal is used to initiate conversions; when operating in
autoshutdown or autostandby mode, it is used to initiate
power-up.
A falling edge on the CONVST signal is used to initiate
conversions and it puts the ADC track-and-hold into track.
Once the CONVST signal goes low, the BUSY signal goes high
for the duration of the conversion. In between conversions,
CONVST must be brought high for a minimum time of t1. This
must happen after the 14th falling edge of CLKIN; otherwise, the
conversion is aborted and the track-and-hold goes back into track.
At the end of the conversion, BUSY goes low and can be used to
activate an interrupt service routine. The CS and RD lines are
then activated in parallel to read the 12- or 10-bits of conversion
data. When power supplies are first applied to the device, a
rising edge on CONVST is necessary to put the track-and-hold
into track. The acquisition time of 125 ns minimum must be
allowed before CONVST is brought low to initiate a conversion.
The ADC then goes into hold on the falling edge of CONVST
and back into track on the 13th rising edge of CLKIN after this
(see Figure 36). When operating the device in autoshutdown or
autostandby mode, where the ADC powers down at the end of
each conversion, a rising edge on the CONVST signal is used to
power up the device.
t2
t3
t20
t14
t11
t9
t13
t12
t10
tCONVERT
tACQUISITION
tQUIET
t1
12
3
4
5
12
13
14
B
A
DATA
DATA
OLD DATA
DB0 TO DB11
DB0 TO DB11
RD
CS
INTERNAL
TRACK/HOLD
BUSY
CLKIN
CONVST
THREE-STATE
THREE-STATE
WITH CS AND RD TIED LOW
Figure 36. AD7938/AD7939 Parallel Interface—Conversion and Read Cycle Timing in Word Mode (W/B = 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com