Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8655ARMZ Datasheet(PDF) 10 Page - Analog Devices

Part # AD8655ARMZ
Description  Low Noise, Precision CMOS Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8655ARMZ Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8655ARMZ Datasheet HTML 6Page - Analog Devices AD8655ARMZ Datasheet HTML 7Page - Analog Devices AD8655ARMZ Datasheet HTML 8Page - Analog Devices AD8655ARMZ Datasheet HTML 9Page - Analog Devices AD8655ARMZ Datasheet HTML 10Page - Analog Devices AD8655ARMZ Datasheet HTML 11Page - Analog Devices AD8655ARMZ Datasheet HTML 12Page - Analog Devices AD8655ARMZ Datasheet HTML 13Page - Analog Devices AD8655ARMZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
AD8655/AD8656
Data Sheet
Rev. D | Page 10 of 20
30
25
20
15
10
5
0
0
50
100
150
200
250
300
350
CAPACITANCE (pF)
VS = ±2.5V
VIN = 200mV
–OS
+OS
Figure 29. Small Signal Overshoot vs. Load Capacitance
T
2
1
VS = ±2.5V
VIN = 300mV
GAIN = –10
RECOVERY TIME = 240ns
300mV
0V
0V
–2.5V
VIN
VOUT
400ns/DIV
Figure 30. Negative Overload Recovery Time
1
2
400ns/DIV
VS = ±2.5V
VIN = 300mV
GAIN = –10
RECOVERY TIME = 240ns
T
VIN
VOUT
0V
0V
–300mV
2.5V
Figure 31. Positive Overload Recovery Time
100
10
1
0.1
FREQUENCY (Hz)
100
1k
10k
100k
1M
10M
100M
VS = ±2.5V
G = +100
G = +10
G = +1
Figure 32. Output Impedance vs. Frequency
80
70
60
50
40
30
20
10
0
–150 –125 –100 –75 –50 –25
0
VOS (µV)
25
50
75 100 125 150
VS = ±1.35V
Figure 33. Input Offset Voltage Distribution
60
40
20
0
–20
–40
–50
0
50
100
150
TEMPERATURE (°C)
VS = ±1.35V
Figure 34. Input Offset Voltage vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com