Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8655ARMZ Datasheet(PDF) 3 Page - Analog Devices

Part # AD8655ARMZ
Description  Low Noise, Precision CMOS Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8655ARMZ Datasheet(HTML) 3 Page - Analog Devices

  AD8655ARMZ Datasheet HTML 1Page - Analog Devices AD8655ARMZ Datasheet HTML 2Page - Analog Devices AD8655ARMZ Datasheet HTML 3Page - Analog Devices AD8655ARMZ Datasheet HTML 4Page - Analog Devices AD8655ARMZ Datasheet HTML 5Page - Analog Devices AD8655ARMZ Datasheet HTML 6Page - Analog Devices AD8655ARMZ Datasheet HTML 7Page - Analog Devices AD8655ARMZ Datasheet HTML 8Page - Analog Devices AD8655ARMZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Data Sheet
AD8655/AD8656
Rev. D | Page 3 of 20
SPECIFICATIONS
VS = 5.0 V, VCM = VS/2, TA = 25°C, unless otherwise specified.
Table 1.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Offset Voltage
VOS
VCM = 0 V to 5 V
50
250
µV
−40°C ≤ TA ≤ +125°C
550
µV
Offset Voltage Drift
∆VOS/∆T
−40°C ≤ TA ≤ +125°C
0.4
2.3
µV/°C
Input Bias Current
IB
1
10
pA
−40°C ≤ TA ≤ +125°C
500
pA
Input Offset Current
IOS
10
pA
−40°C ≤ TA≤ +125°C
500
pA
Input Voltage Range
0
5
V
Common-Mode Rejection Ratio
CMRR
VCM = 0 V to 5 V
85
100
dB
Large Signal Voltage Gain
AVO
VO = 0.2 V to 4.8 V, RL = 10 kΩ, VCM = 0 V
100
110
dB
−40°C ≤ TA ≤ +125°C
95
dB
OUTPUT CHARACTERISTICS
Output Voltage High
VOH
IL = 1 mA; −40°C ≤ TA ≤ +125°C
4.97
4.991
V
Output Voltage Low
VOL
IL = 1 mA; −40°C ≤ TA ≤ +125°C
8
30
mV
Output Current
IOUT
VOUT = ±0.5 V
±220
mA
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
VS = 2.7 V to 5.0 V
88
105
dB
Supply Current/Amplifier
ISY
VO = 0 V
3.7
4.5
mA
−40°C ≤ TA ≤ +125°C
5.3
mA
INPUT CAPACITANCE
CIN
Differential
9.3
pF
Common-Mode
16.7
pF
NOISE PERFORMANCE
Input Voltage Noise Density
en
f = 1 kHz
4
nV/√Hz
f = 10 kHz
2.7
nV/√Hz
Total Harmonic Distortion + Noise
THD + N
G = 1, RL = 1 kΩ, f = 1 kHz, VIN = 2 V p-p
0.0007
%
FREQUENCY RESPONSE
Gain Bandwidth Product
GBP
28
MHz
Slew Rate
SR
RL = 10 kΩ
11
V/µs
Settling Time
ts
To 0.1%, VIN = 0 V to 2 V step, G = +1
370
ns
Phase Margin
CL = 0 pF
69
degrees



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com