Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8315CVRADDA Datasheet(PDF) 36 Page - Freescale Semiconductor, Inc

Part # MPC8315CVRADDA
Description  MPC8315E PowerQUICC II Pro Processor Hardware Specifications
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8315CVRADDA Datasheet(HTML) 36 Page - Freescale Semiconductor, Inc

Back Button MPC8315CVRADDA Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC8315CVRADDA Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC8315CVRADDA Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC8315CVRADDA Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC8315CVRADDA Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC8315CVRADDA Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC8315CVRADDA Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC8315CVRADDA Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC8315CVRADDA Datasheet HTML 40Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 106 page
background image
MPC8315E PowerQUICC II Pro Processor Hardware Specifications, Rev. 2
36
Freescale Semiconductor
Ethernet: Three-Speed Ethernet, MII Management
Figure 18. 4-Wire AC-Coupled SGMII Serial Link Connection Example
Figure 19. SGMII Transmitter DC Measurement Circuit
Table 36. SGMII DC Receiver Electrical Characteristics
Parameter
Symbol
Min
Typ
Max
Unit
Note
Supply Voltage
XCOREVDD
0.95
1.0
1.05
V
—
DC Input voltage range
—
N/A
—
1
Input differential voltage
EQ = 0
VRX_DIFFp-p
100
—
1200
mV
2, 4
EQ = 1
175
—
Loss of signal threshold
EQ = 0
VLOS
30
—
100
mV
3, 4
EQ = 1
65
—
175
MPC8315E SGMII
SerDes Interface
50
50
Transmitter
TXn
RXm
TXn
RXm
Receiver
CTX
CTX
50
50
RXn
RXn
Receiver
Transmitter
TXm
TXm
CTX
CTX
50
50
50
50
50
Transmitter
TXn
TXn
50
Vos
VOD
MPC8315E SGMII
SerDes Interface
50
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com