Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPC5668EF1AVMG Datasheet(PDF) 49 Page - Freescale Semiconductor, Inc

Part # SPC5668EF1AVMG
Description  MPC5668x Microcontroller Data Sheet
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPC5668EF1AVMG Datasheet(HTML) 49 Page - Freescale Semiconductor, Inc

Back Button SPC5668EF1AVMG Datasheet HTML 45Page - Freescale Semiconductor, Inc SPC5668EF1AVMG Datasheet HTML 46Page - Freescale Semiconductor, Inc SPC5668EF1AVMG Datasheet HTML 47Page - Freescale Semiconductor, Inc SPC5668EF1AVMG Datasheet HTML 48Page - Freescale Semiconductor, Inc SPC5668EF1AVMG Datasheet HTML 49Page - Freescale Semiconductor, Inc SPC5668EF1AVMG Datasheet HTML 50Page - Freescale Semiconductor, Inc SPC5668EF1AVMG Datasheet HTML 51Page - Freescale Semiconductor, Inc SPC5668EF1AVMG Datasheet HTML 52Page - Freescale Semiconductor, Inc SPC5668EF1AVMG Datasheet HTML 53Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 66 page
background image
Electrical Characteristics
MPC5668x Microcontroller Data Sheet, Rev. 6
Freescale Semiconductor
49
4.14.5
Enhanced Modular I/O Subsystem (eMIOS)
Figure 15. eMIOS Timing
Table 28. eMIOS Timing1
1 eMIOS timing specified at V
DDE = 3.0 – 5.5 V, TA =TL to TH, and CL = 30 pF with SRC = 0b11.
Spec
Characteristic
Symbol
Min
Max
Unit
1
eMIOS Input Pulse Width
tMIPW
4—
tCYC
2
eMIOS Output Pulse Width
tMOPW
12
2 This specification does not include the rise and fall times. When calculating the minimum eMIOS pulse width, include the rise
and fall times defined in the slew rate control fields (SRC) of the pad configuration registers (PCR).
—tCYC
D_CLKOUT
1
2
eMIOS output
eMIOS input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com