Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPC5668EF1AVMG Datasheet(PDF) 55 Page - Freescale Semiconductor, Inc

Part # SPC5668EF1AVMG
Description  MPC5668x Microcontroller Data Sheet
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPC5668EF1AVMG Datasheet(HTML) 55 Page - Freescale Semiconductor, Inc

Back Button SPC5668EF1AVMG Datasheet HTML 51Page - Freescale Semiconductor, Inc SPC5668EF1AVMG Datasheet HTML 52Page - Freescale Semiconductor, Inc SPC5668EF1AVMG Datasheet HTML 53Page - Freescale Semiconductor, Inc SPC5668EF1AVMG Datasheet HTML 54Page - Freescale Semiconductor, Inc SPC5668EF1AVMG Datasheet HTML 55Page - Freescale Semiconductor, Inc SPC5668EF1AVMG Datasheet HTML 56Page - Freescale Semiconductor, Inc SPC5668EF1AVMG Datasheet HTML 57Page - Freescale Semiconductor, Inc SPC5668EF1AVMG Datasheet HTML 58Page - Freescale Semiconductor, Inc SPC5668EF1AVMG Datasheet HTML 59Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 66 page
background image
Electrical Characteristics
MPC5668x Microcontroller Data Sheet, Rev. 6
Freescale Semiconductor
55
4.14.7
MLB Interface
4.14.7.1
Media Local Bus DC Electrical Characteristics
Table 30 provides the DC electrical characteristics for the Media Local Bus interface.
Table 30. Media Local Bus DC Electrical Characteristics
4.14.7.2
Media Local Bus (MLB) AC Electrical Characteristics
Table 31 and Table 32 provide the AC electrical characteristics for the Media Local Bus interface.
Parameter
Symbol
Min
Typ
Max
Unit
Comments
Maximum Input Voltage
—
—
—
3.6
V
Low Level Input Threshold
VIL
——
0.7
V
High Level Input Threshold
VIH
1.81
1 Higher V
IH thresholds can be used; however, the risks associated with less noise margin in the system must be evaluated and
assumed by the customer.
——
V
Low Level Output Threshold
VOL
——
0.4
V
IOL =6mA
High Level Output Threshold
VOH
2.0
—
—
V
IOH =–6mA
Input Leakage Current
IL
——
±1
µA
0 < Vin <VDDE4
Table 31. MLB Timing for MLB Speed 256 Fs or 512 Fs
Spec
Parameter
Symbol
Min
Typ
Max
Unit
Comments
1
MLBCLK Operating Frequency1
fmck
11.264
—
—
—
—
12.288
24.576
—
—
—
—
—
24.6272
25.600
MHz
256 Fs at 44.0 kHz
256 Fs at 48.0 kHz
512 Fs at 48.0 kHz
512 Fs at 48.1 kHz
512 Fs PLL unlocked
2
MLBCLK rise time
tmckr
——
3
ns
VIL to VIH
3
MLBCLK fall time
tmckf
——
3
ns
VIH to VIL
4
MLBCLK cycle time
tmckc
—81
40
—ns
256 Fs
512 Fs
5
MLBCLK low time
tmckl
31.5
30
37
35.5
—ns
256 Fs
256 Fs PLL unlocked
14.5
14
17
16.5
—ns
512 Fs
512 Fs PLL unlocked
6
MLBCLK high time
tmckh
31.5
30
38
36.5
—
ns
256xFs
256 Fs PLL unlocked
14.5
14
17
16.5
—ns
512 Fs
512 Fs PLL unlocked
7
MLBCLK pulse width variation2
tmpwv
—
—
2
ns p-p
8
MLBSIG/MLBDAT input valid to
MLBCLK falling
tdsmcf
1—
—
ns
9
MLBSIG/MLBDAT input hold from
MLBCLK low
tdhmcf
0—
—
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com