Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E3S-R2B4 Datasheet(PDF) 8 Page - Omron Electronics LLC

Part # E3S-R2B4
Description  Photoelectric Sensor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3S-R2B4 Datasheet(HTML) 8 Page - Omron Electronics LLC

Back Button E3S-R2B4 Datasheet HTML 4Page - Omron Electronics LLC E3S-R2B4 Datasheet HTML 5Page - Omron Electronics LLC E3S-R2B4 Datasheet HTML 6Page - Omron Electronics LLC E3S-R2B4 Datasheet HTML 7Page - Omron Electronics LLC E3S-R2B4 Datasheet HTML 8Page - Omron Electronics LLC E3S-R2B4 Datasheet HTML 9Page - Omron Electronics LLC E3S-R2B4 Datasheet HTML 10Page - Omron Electronics LLC E3S-R2B4 Datasheet HTML 11Page - Omron Electronics LLC E3S-R2B4 Datasheet HTML 12Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
E3S
E3S
8
E3S-R2E(B)41
E3S-DS30E(B)41
Cord:
4-mm dia., 18/0.12, 3-conductor
Standard length: 2 m
Weight: approx. 165 g
Note:
A mounting bracket can be attached to side A.
E3S-DS30E(B)4S(1)
Cord:
4.5-mm dia., 18/0.12, 4-conductor
Standard length: 2 m
Weight: approx. 155 g
E3S-R2E42
E3S-DS30E42
Cord:
4-mm dia., 18/0.12, 3-conductor
Standard length: 2 m
Weight: approx. 165 g
Mounting Holes
E3S-2LE(B)4, E3S-2DE(B)4
E3S-2LE(B)41, E3S-2DE(B)41
E3S-DS10E(B)4, E3S-DS10E(B)41
E3S-5LE(B)4(1), E3S-5DE(B)4(1), E3S-5E4S(1)
E3S-DS30E(B)4, E3S-R2E(B)4, E3S-R2E42
E3S-DS30E(B)41, E3S-R2E(B)41
E3S-DS30E42, E3S-DS30E4S(1)
Two, M4 slotted
hexagonal bolts
Emitter
Receiver
Lens (10 x 15)
Indicator
Sensitivity adjustor
13 dia.
(A) (see note)
Emitter
Receiver
Two, M4 slotted
hexagonal bolts
11 mm
dia. lens
Sensitivity adjustor (receiver only)
Mode selector (receiver only)
Cord protector
Two mounting holes
Indicator
Mounting bracket
16 dia.
Two, M4 slotted
hexagonal bolts
Emitter
Receiver
Lens (10 x 15)
Indicator
Sensitivity adjustor
13 dia.
Two, M3 holes
Two, M4 holes
20
25.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com