Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E3S-R2B4 Datasheet(PDF) 11 Page - Omron Electronics LLC

Part # E3S-R2B4
Description  Photoelectric Sensor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3S-R2B4 Datasheet(HTML) 11 Page - Omron Electronics LLC

Back Button E3S-R2B4 Datasheet HTML 4Page - Omron Electronics LLC E3S-R2B4 Datasheet HTML 5Page - Omron Electronics LLC E3S-R2B4 Datasheet HTML 6Page - Omron Electronics LLC E3S-R2B4 Datasheet HTML 7Page - Omron Electronics LLC E3S-R2B4 Datasheet HTML 8Page - Omron Electronics LLC E3S-R2B4 Datasheet HTML 9Page - Omron Electronics LLC E3S-R2B4 Datasheet HTML 10Page - Omron Electronics LLC E3S-R2B4 Datasheet HTML 11Page - Omron Electronics LLC E3S-R2B4 Datasheet HTML 12Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
E3S
E3S
11
E39-S2 Slit
Applicable Photoelectric Sensors:
E3S-2E4, E3S-2E41
Note:
1. Model E39-S2 can have any of three different dimensions:
6.5 x 0.5 mm, 6.5 x 1 mm, and 6.5 x 2 mm.
2. Two slits (one for the emitter and the other for the receiver) are used in pairs.
E39-S2
Spacer
Sensing Distance with Slit
Photoelectric sensor
E3S-5E4, E3S-5E4
j, E3S-5B4, E3S-5B4j
E3S-2E4, E3S-2E41, E3S-2B4, E3S-2B41
Slit
E39-S1
E39-S2
Width of slit
0.5 mm
1 mm
2 mm
4 mm
0.5 mm
1 mm
2 mm
Sensing distance
23 cm
58 cm
1.2 m
2.5 m
17 cm
42 cm
82 cm
Sensing object
0.5 mm
1 mm
2 mm
4 mm
0.5 mm
1 mm
2 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com