Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM148J/PB Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LM148J/PB
Description  Quad 741 Op Amps
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM148J/PB Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM148J/PB Datasheet HTML 5Page - Texas Instruments LM148J/PB Datasheet HTML 6Page - Texas Instruments LM148J/PB Datasheet HTML 7Page - Texas Instruments LM148J/PB Datasheet HTML 8Page - Texas Instruments LM148J/PB Datasheet HTML 9Page - Texas Instruments LM148J/PB Datasheet HTML 10Page - Texas Instruments LM148J/PB Datasheet HTML 11Page - Texas Instruments LM148J/PB Datasheet HTML 12Page - Texas Instruments LM148J/PB Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
LM148-N, LM248-N, LM348-N
www.ti.com
SNOSBT2E – MAY 1999 – REVISED MARCH 2013
Figure 21. Low Drift Peak Detector with Bias Current Compensation
Adjust R for minimum drift
D3 low leakage diode
D1 added to improve speed
VS = ±15V
Figure 22. Universal State-Variable Filter
Tune Q through R0,
For predictable results: fO Q ≤ 4 × 10
4
Use Band Pass output to tune for Q
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM148-N LM248-N LM348-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com