Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM148J/PB Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM148J/PB
Description  Quad 741 Op Amps
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM148J/PB Datasheet(HTML) 1 Page - Texas Instruments

  LM148J/PB Datasheet HTML 1Page - Texas Instruments LM148J/PB Datasheet HTML 2Page - Texas Instruments LM148J/PB Datasheet HTML 3Page - Texas Instruments LM148J/PB Datasheet HTML 4Page - Texas Instruments LM148J/PB Datasheet HTML 5Page - Texas Instruments LM148J/PB Datasheet HTML 6Page - Texas Instruments LM148J/PB Datasheet HTML 7Page - Texas Instruments LM148J/PB Datasheet HTML 8Page - Texas Instruments LM148J/PB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
LM148-N, LM248-N, LM348-N
www.ti.com
SNOSBT2E – MAY 1999 – REVISED MARCH 2013
LM148/LM248/LM348 Quad 741 Op Amps
Check for Samples: LM148-N, LM248-N, LM348-N
1
FEATURES
DESCRIPTION
The LM148 series is a true quad 741. It consists of
2
•
741 Op Amp Operating Characteristics
four independent, high gain, internally compensated,
•
Class AB Output Stage—No Crossover
low power operational amplifiers which have been
Distortion
designed
to
provide
functional
characteristics
•
Pin Compatible With the LM124
identical to those of the familiar 741 operational
amplifier. In addition the total supply current for all
•
Overload Protection for Inputs and Outputs
four amplifiers is comparable to the supply current of
•
Low Supply Current Drain: 0.6 mA/Amplifier
a single 741 type op amp. Other features include
•
Low Input Offset Voltage: 1 mV
input offset currents and input bias current which are
much less than those of a standard 741. Also,
•
Low Input Offset Current: 4 nA
excellent isolation between amplifiers has been
•
Low Input Bias Current 30 nA
achieved by independently biasing each amplifier and
•
High Degree of Isolation Between Amplifiers:
using layout techniques which minimize thermal
120 dB
coupling.
•
Gain Bandwidth Product
The LM148 can be used anywhere multiple 741 or
–
LM148 (Unity Gain):
1.0 MHz
1558
type
amplifiers
are
being
used
and
in
applications where amplifier matching or high packing
density is required. For lower power refer to LF444.
Schematic Diagram
* 1 pF in the LM149
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 1999–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM148J/PB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM148J/883 NSC-LM148J/883 Datasheet
388Kb / 15P
Quad 741 Op Amps LM149 Wide Band Decompensated (AV MIN = 5)
LM148J/883 NSC-LM148J/883 Datasheet
781Kb / 17P
Quad 741 Op Amps
logo
Texas Instruments
LM148J/883 TI1-LM148J/883 Datasheet
710Kb / 20P
Quad 741 Op Amps
More results

Similar Description - LM148J/PB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM148 NSC-LM148 Datasheet
388Kb / 15P
Quad 741 Op Amps LM149 Wide Band Decompensated (AV MIN = 5)
logo
NXP Semiconductors
LM124 PHILIPS-LM124 Datasheet
136Kb / 7P
Low power quad op amps
1995 Nov 27
logo
Maxim Integrated Produc...
MXL1013 MAXIM-MXL1013 Datasheet
160Kb / 8P
Dual/Quad Precision Op Amps
logo
National Semiconductor ...
LM148JAN NSC-LM148JAN Datasheet
806Kb / 18P
Quad 741 Op Amps
LM148QML NSC-LM148QML Datasheet
781Kb / 17P
Quad 741 Op Amps
logo
Texas Instruments
LM148-N TI1-LM148-N Datasheet
425Kb / 17P
LM148/LM248/LM348 Quad 741 Op Amps
LM348-N TI-LM348-N Datasheet
1Mb / 22P
LM148/LM248/LM348 Quad 741 Op Amps
logo
Maxim Integrated Produc...
MAX44241 MAXIM-MAX44241 Datasheet
961Kb / 13P
Single/Quad/Dual Op Amps
Rev 5; 1/14
logo
Texas Instruments
LM148JAN TI1-LM148JAN Datasheet
710Kb / 21P
Quad 741 Op Amps
LM148QML TI1-LM148QML Datasheet
710Kb / 20P
Quad 741 Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com