Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLM18HB331SN1D Datasheet(PDF) 44 Page - Murata Manufacturing Co., Ltd.

Part # BLM18HB331SN1D
Description  SMD/BLOCK Type EMI Suppression Filters
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

BLM18HB331SN1D Datasheet(HTML) 44 Page - Murata Manufacturing Co., Ltd.

Back Button BLM18HB331SN1D Datasheet HTML 40Page - Murata Manufacturing Co., Ltd. BLM18HB331SN1D Datasheet HTML 41Page - Murata Manufacturing Co., Ltd. BLM18HB331SN1D Datasheet HTML 42Page - Murata Manufacturing Co., Ltd. BLM18HB331SN1D Datasheet HTML 43Page - Murata Manufacturing Co., Ltd. BLM18HB331SN1D Datasheet HTML 44Page - Murata Manufacturing Co., Ltd. BLM18HB331SN1D Datasheet HTML 45Page - Murata Manufacturing Co., Ltd. BLM18HB331SN1D Datasheet HTML 46Page - Murata Manufacturing Co., Ltd. BLM18HB331SN1D Datasheet HTML 47Page - Murata Manufacturing Co., Ltd. BLM18HB331SN1D Datasheet HTML 48Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 88 page
background image
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
C31E.pdf
Mar.28,2011
55
s Impedance-Frequency Characteristics
BLM21AG331SN1
BLM21AG471SN1
BLM21AG601SN1
BLM21AG102SN1
BLM Series
Signal Lines Type Chip Ferrite Bead
BLM21A Series (0805 Size)
BLM21A
1
10
100
1000
3000
Frequency (MHz)
400
300
200
100
0
R
X
Z
1
10
100
1000
3000
Frequency (MHz)
800
600
400
200
0
X
R
Z
1
10
100
1000
3000
Frequency (MHz)
800
600
400
200
0
X
R
Z
1
10
100
1000
3000
Frequency (MHz)
1200
900
600
300
0
X
R
Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com