Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLM18HB331SN1D Datasheet(PDF) 40 Page - Murata Manufacturing Co., Ltd.

Part # BLM18HB331SN1D
Description  SMD/BLOCK Type EMI Suppression Filters
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

BLM18HB331SN1D Datasheet(HTML) 40 Page - Murata Manufacturing Co., Ltd.

Back Button BLM18HB331SN1D Datasheet HTML 36Page - Murata Manufacturing Co., Ltd. BLM18HB331SN1D Datasheet HTML 37Page - Murata Manufacturing Co., Ltd. BLM18HB331SN1D Datasheet HTML 38Page - Murata Manufacturing Co., Ltd. BLM18HB331SN1D Datasheet HTML 39Page - Murata Manufacturing Co., Ltd. BLM18HB331SN1D Datasheet HTML 40Page - Murata Manufacturing Co., Ltd. BLM18HB331SN1D Datasheet HTML 41Page - Murata Manufacturing Co., Ltd. BLM18HB331SN1D Datasheet HTML 42Page - Murata Manufacturing Co., Ltd. BLM18HB331SN1D Datasheet HTML 43Page - Murata Manufacturing Co., Ltd. BLM18HB331SN1D Datasheet HTML 44Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 88 page
background image
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
C31E.pdf
Mar.28,2011
51
Au plating electrode for wire bonding mount.
BLM15AG_ANSeries Gold Plating (0402 Size)
BLM Series
Signal Lines Type Chip Ferrite Bead
s Dimensions
s Equivalent Circuit
s Packaging
s Impedance-Frequency Characteristics (Main Items)
s Rated Value (p: packaging code)
s Impedance-Frequency Characteristics
BLM15AG601AN1
BLM15AG102AN1
Refer to pages from p.91 to p.94 for mounting information.
BLM15AG_AN
Code
Packaging
Minimum
Quantity
D
180mm Reel Paper Tape
10000
J
330mm Reel Paper Tape
50000
B
Bulk(Bag)
1000
Part Number
Impedance
(at 100MHz/20
°C)
Rated Current
DC Resistance
Operating
Temperature Range
BLM15AG601AN1p
600ohm
±25%
300mA
0.6ohm max.
-55
°C to +125°C
BLM15AG102AN1p
1000ohm
±25%
200mA
1.0ohm max.
-55
°C to +125°C
Number of Circuits: 1
This product is Au plating version designed for wire bonding mount. Be sure that this product is not designed for solder mounting.
0.5
±0.05
1.0
±0.05
0.25
±0.1
(in mm)
: Electrode
Frequency (MHz)
1
10
100
1000
3000
0
1200
900
600
300
BLM15AG102AN1
BLM15AG601AN1
1
10
100
1000
3000
Frequency (MHz)
R
X
Z
0
200
400
600
800
1
10
100
1000
3000
Frequency (MHz)
0
200
400
600
800
1000
1200
R
X
Z
(Resistance element becomes dominant
at high frequencies.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com