Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F100RC Datasheet(PDF) 96 Page - STMicroelectronics

Part # STM32F100RC
Description  High-density value line, advanced ARM-based 32-bit MCU
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F100RC Datasheet(HTML) 96 Page - STMicroelectronics

Back Button STM32F100RC Datasheet HTML 90Page - STMicroelectronics STM32F100RC Datasheet HTML 91Page - STMicroelectronics STM32F100RC Datasheet HTML 92Page - STMicroelectronics STM32F100RC Datasheet HTML 93Page - STMicroelectronics STM32F100RC Datasheet HTML 94Page - STMicroelectronics STM32F100RC Datasheet HTML 95Page - STMicroelectronics STM32F100RC Datasheet HTML 96Page - STMicroelectronics STM32F100RC Datasheet HTML 97Page - STMicroelectronics STM32F100RC Datasheet HTML 98Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 96 / 98 page
background image
Revision history
STM32F100xC, STM32F100xD, STM32F100xE
96/98
Doc ID 15081 Rev 7
8
Revision history
Table 62.
Document revision history
Date
Revision
Changes
09-Oct-2008
1
Initial release.
31-Mar-2009
2
I/O information clarified on page 1.
Table 5: High-density STM32F100xx pin definitions modified.
Figure 5: Memory map on page 26 modified.
Note modified in Table 13: Maximum current consumption in Run
mode, code with data processing running from Flash and Table 15:
Maximum current consumption in Sleep mode, code running from
Flash or RAM.
Table 20: High-speed external user clock characteristics and Table
21: Low-speed user external clock characteristics modified. ACCHSI
max values modified in Table 24: HSI oscillator characteristics.
Note modified in Table 13: Maximum current consumption in Run
mode, code with data processing running from Flash and Table 15:
Maximum current consumption in Sleep mode, code running from
Flash or RAM.
Figure 10, Figure 11 and Figure 12 show typical curves (titles
changed).
Small text changes.
01-Sep-2010
3
Major revision of whole document.
Added LQFP144 package and additional peripherals (SPI3, UART4,
UART, TIM5, 12, 14, 13, FSMC).
18-Oct-2010
4
Updated Power consumption data in Table 13 to Table 16
Updated Section 5.3.11: EMC characteristics on page 66
11-Apr-2011
5
Added Section 2.2.6: LCD parallel interface on page 13
In Table 4 on page 24 moved TIM15_BKIN and TIM17_BKIN from
remap to default column. Updated description of PA3, PA5 and PF6
to PF10.
Updated footnotes below Table 6: Voltage characteristics on page 36
and Table 7: Current characteristics on page 37
Added VBAT values in Table 16: Typical and maximum current
consumptions in Stop and Standby modes on page 43
Updated tw min in Table 20: High-speed external user clock
characteristics on page 47
Updated startup time in Table 23: LSE oscillator characteristics
(fLSE = 32.768 kHz) on page 51
Added HSI clock accuracy values in Table 24: HSI oscillator
characteristics on page 52
Updated FSMC Synchronous waveforms and timings on page 60
Updated Table 43: I/O static characteristics on page 69
Added Section 5.3.13: I/O current injection characteristics on
page 68
Corrected TTL and CMOS designations in Table 44: Output voltage
characteristics on page 72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com