Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F100RC Datasheet(PDF) 41 Page - STMicroelectronics

Part # STM32F100RC
Description  High-density value line, advanced ARM-based 32-bit MCU
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F100RC Datasheet(HTML) 41 Page - STMicroelectronics

Back Button STM32F100RC Datasheet HTML 37Page - STMicroelectronics STM32F100RC Datasheet HTML 38Page - STMicroelectronics STM32F100RC Datasheet HTML 39Page - STMicroelectronics STM32F100RC Datasheet HTML 40Page - STMicroelectronics STM32F100RC Datasheet HTML 41Page - STMicroelectronics STM32F100RC Datasheet HTML 42Page - STMicroelectronics STM32F100RC Datasheet HTML 43Page - STMicroelectronics STM32F100RC Datasheet HTML 44Page - STMicroelectronics STM32F100RC Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 98 page
background image
STM32F100xC, STM32F100xD, STM32F100xE
Electrical characteristics
Doc ID 15081 Rev 7
41/98
Table 13.
Maximum current consumption in Run mode, code with data processing
running from Flash
Symbol
Parameter
Conditions
fHCLK
Max(1)
1.
Based on characterization, not tested in production.
Unit
TA = 85 °C
TA = 105 °C
IDD
Supply
current in
Run mode
External clock (2), all
peripherals enabled
2.
External clock or HSI frequency is 8 MHz and PLL is on when fHCLK > 8 MHz.
24 MHz
19.7
20
mA
16 MHz
14.6
14.7
8 MHz
8.2
8.6
External clock(2), all
peripherals disabled
24 MHz
11.3
11.6
16 MHz
8.7
8.9
8 MHz
5.6
6
HSI clock(2), all peripherals
enabled
24 MHz
19
19
16 MHz
13.1
13.2
8 MHz
10.1
10.1
HSI clock(2), all peripherals
disabled
24 MHz
9.4
9.6
16 MHz
6.7
7
8 MHz
5.4
5.6
Table 14.
Maximum current consumption in Run mode, code with data processing
running from RAM
Symbol
Parameter
Conditions
fHCLK
Max(1)
1.
Based on characterization, tested in production at VDD max, fHCLK max.
Unit
TA = 85 °C TA = 105 °C
IDD
Supply current
in Run mode
External clock (2), all
peripherals enabled
2.
External clock or HSI frequency is 8 MHz and PLL is on when fHCLK > 8 MHz.
24 MHz
18.5
19
mA
16 MHz
13.1
13.5
8 MHz
7.3
7.6
External clock(2) all
peripherals disabled
24 MHz
8.4
8.5
16 MHz
7.3
7.7
8 MHz
4.8
5.2
HSI clock(2), all
peripherals enabled
24 MHz
17.2
17.2
16 MHz
11.7
11.8
8 MHz
8.9
9
HSI clock(2), all
peripherals disabled
24 MHz
8.1
8.3
16 MHz
5.6
5.8
8 MHz
4.3
4.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com