Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8S005K6 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STM8S005K6
Description  Value line, 16 MHz STM8S 8-bit MCU, 32 Kbytes Flash, data EEPROM,10-bit ADC, timers, UART, SPI, IC
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S005K6 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STM8S005K6 Datasheet HTML 4Page - STMicroelectronics STM8S005K6 Datasheet HTML 5Page - STMicroelectronics STM8S005K6 Datasheet HTML 6Page - STMicroelectronics STM8S005K6 Datasheet HTML 7Page - STMicroelectronics STM8S005K6 Datasheet HTML 8Page - STMicroelectronics STM8S005K6 Datasheet HTML 9Page - STMicroelectronics STM8S005K6 Datasheet HTML 10Page - STMicroelectronics STM8S005K6 Datasheet HTML 11Page - STMicroelectronics STM8S005K6 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 103 page
background image
Description
2
The STM8S005xx value line 8-bit microcontrollers offer 32 Kbytes of Flash program memory,
plus 128 bytes of data EEPROM. They are referred to as medium-density devices in the
STM8S microcontroller family reference manual (RM0016). All devices of the STM8S005xx
value line provide the following benefits: performance, robustness, reduced system cost, and
short develoment cycles.
Device performance and robustness are ensured by true data EEPROM supporting up to 100
000 write/erase cycles, advanced core and peripherals made in a state-of-the art technology,
a 16 MHz clock frequency, robust I/Os, independent watchdogs with separate clock source,
and a clock security system.
The system cost is reduced thanks to high system integration level with internal clock
oscillators, watchdog and brown-out reset.
Common family product architecture with compatible pinout, memory map and modular
peripherals allow application scalability and reduced development cycles.
All products operate from a 2.95 to 5.5 V supply voltage.
Full documentation is offered as well as a wide choice of development tools.
Table 1: STM8S005xx value line features
STM8S005K6
STM8S005C6
Device
32
48
Pin count
25
38
Maximum number of GPIOs
23
35
Ext. Interrupt pins
8
9
Timer CAPCOM channels
3
3
Timer complementary outputs
7
10
A/D Converter channels
12
16
High sink I/Os
32K
32K
Medium density Flash Program memory
(bytes)
128
128
Data EEPROM (bytes)
2K
2K
RAM (bytes)
Advanced control timer (TIM1), General-purpose timers (TIM2 and TIM3), Basic
timer (TIM4) SPI, I
2
C, UART, Window WDG, Independent WDG, ADC
Peripheral set
DocID022186 Rev 3
8/103
STM8S005K6 STM8S005C6
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com