Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESDALC14V2-1U2 Datasheet(PDF) 3 Page - STMicroelectronics

Part # ESDALC14V2-1U2
Description  Single-line low capacitance Transil??for ESD protection
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDALC14V2-1U2 Datasheet(HTML) 3 Page - STMicroelectronics

  ESDALC14V2-1U2 Datasheet HTML 1Page - STMicroelectronics ESDALC14V2-1U2 Datasheet HTML 2Page - STMicroelectronics ESDALC14V2-1U2 Datasheet HTML 3Page - STMicroelectronics ESDALC14V2-1U2 Datasheet HTML 4Page - STMicroelectronics ESDALC14V2-1U2 Datasheet HTML 5Page - STMicroelectronics ESDALC14V2-1U2 Datasheet HTML 6Page - STMicroelectronics ESDALC14V2-1U2 Datasheet HTML 7Page - STMicroelectronics ESDALC14V2-1U2 Datasheet HTML 8Page - STMicroelectronics ESDALC14V2-1U2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
ESDALC14V2-1U2
Characteristics
Doc ID 15090 Rev 3
3/11
Figure 7.
Relative variation of leakage current versus junction temperature (typical values)
Figure 3.
Relative variation of peak pulse
power versus initial junction
temperature
Figure 4.
Peak pulse power versus
exponential pulse duration
P
PP[T j initial] / PPP [T j initial=25°C]
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
0
25
50
75
100
125
150
Tj(°C)
PPP(W)
1
10
100
1000
1
10
100
1000
T
j initial = 25 °C
tP(µs)
Figure 5.
Clamping voltage versus peak
pulse current
(square pulse, typical values)
Figure 6.
Junction capacitance versus
reverse applied voltage
(typical values)
IPP(A)
0.1
1.0
10.0
15
20
25
Tp =2.5 µs
T
j initial =25 °C
VCL(V)
C(pF)
0
1
2
3
4
5
6
7
0
2
4
6
8
10
12
F=1 MHz
V
OSC=30 mVRMS
T
j=25 °C
Vline (V)
1
10
100
25
50
75
100
125
I
R [Tj]/ IR [Tj=25°C]
V
R =3V
Tj(°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com