Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESDALC14V2-1U2 Datasheet(PDF) 4 Page - STMicroelectronics

Part # ESDALC14V2-1U2
Description  Single-line low capacitance Transil??for ESD protection
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDALC14V2-1U2 Datasheet(HTML) 4 Page - STMicroelectronics

  ESDALC14V2-1U2 Datasheet HTML 1Page - STMicroelectronics ESDALC14V2-1U2 Datasheet HTML 2Page - STMicroelectronics ESDALC14V2-1U2 Datasheet HTML 3Page - STMicroelectronics ESDALC14V2-1U2 Datasheet HTML 4Page - STMicroelectronics ESDALC14V2-1U2 Datasheet HTML 5Page - STMicroelectronics ESDALC14V2-1U2 Datasheet HTML 6Page - STMicroelectronics ESDALC14V2-1U2 Datasheet HTML 7Page - STMicroelectronics ESDALC14V2-1U2 Datasheet HTML 8Page - STMicroelectronics ESDALC14V2-1U2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Characteristics
ESDALC14V2-1U2
4/11
Doc ID 15090 Rev 3
Figure 12.
S21 attenuation measurement results
Figure 8.
ESD response to IEC 61000-4-2
(+8 kV contact discharge)
Figure 9.
ESD response to IEC 61000-4-2
(-8 kV contact discharge)
20 V/Div
20 ns/Div
20 V/Div
20 ns/Div
Figure 10.
ESD response to IEC 61000-4-2
(+15 kV air discharge)
Figure 11.
ESD response to IEC 61000-4-2
(-15 kV air discharge)
20 V/Div
100 ns/Div
20 V/Div
100 ns/Div
100.0k
1.0M
10.0M
100.0M
1.0G
- 30.00
-24.00
-18.00
-12.00
- 6.00
0.00
F (Hz)
dB
< -2.1dB
(-2.5dB@900MHz
-6.1dB@1.8GHz)
Attenuation
(0.8 – 4GHz)
1.02 GHz
-3 dB point
0.01 dB
Pass band
attenuation
Average
Performance
(50WSystem)
< -2.1dB
(-2.5dB@900MHz
-6.1dB@1.8GHz)
Attenuation
(0.8 – 4GHz)
1.02 GHz
-3 dB point
0.01 dB
Pass band
attenuation
Average
Performance
(50
Ω System)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com