Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMA6F5.0A Datasheet(PDF) 1 Page - STMicroelectronics

Part # SMA6F5.0A
Description  High junction temperature Transil?
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMA6F5.0A Datasheet(HTML) 1 Page - STMicroelectronics

  SMA6F5.0A Datasheet HTML 1Page - STMicroelectronics SMA6F5.0A Datasheet HTML 2Page - STMicroelectronics SMA6F5.0A Datasheet HTML 3Page - STMicroelectronics SMA6F5.0A Datasheet HTML 4Page - STMicroelectronics SMA6F5.0A Datasheet HTML 5Page - STMicroelectronics SMA6F5.0A Datasheet HTML 6Page - STMicroelectronics SMA6F5.0A Datasheet HTML 7Page - STMicroelectronics SMA6F5.0A Datasheet HTML 8Page - STMicroelectronics SMA6F5.0A Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
September 2011
Doc ID 14996 Rev 2
1/9
9
SMA6F
High junction temperature Transil™
Features
■ ECOPACK®2 compliant product
■ Peak pulse power:
– 600 W (10/1000 µs)
– 4 kW (8/20 µs)
■ Stand off voltage: 5, 12 or 13 V
■ Unidirectional type
■ Low clamping voltage versus standard series
■ Low leakage current, 0.2 µA at 25 °C
■ Operating Tj max: 175 °C
■ JEDEC registered package outline
Complies with the following standards
■ IEC 61000-4-2 level 4:
– 15 kV (air discharge)
– 8 kV (contact discharge)
■ MIL STD 883G-Method 3015-7: class3B
– 25 kV (human body model)
Description
The SMA6F Transil series has been designed to
protect sensitive equipment against electro-static
discharges according to IEC 61000-4-2, MIL STD
883 Method 3015, and electrical over stress such
as IEC 61000-4-4 and 5. They are generally for
surges below 600 W 10/1000 µs.
This planar technology makes it compatible with
high-end equipment and SMPS where low
leakage current and high junction temperature are
required to provide reliability and stability over
time. Their low clamping voltages provides a
better safety margin to protect sensitive circuits
with extended life time expectancy.
Packaged in SMAflat non exposed pad, this
minimizes PCB space consumption (footprint in
accordance with IPC 7531 standard).
TM: Transil is a trademark of STMicroelectronics
K
A
Unidirectional
SMAflat
www.st.com


Similar Part No. - SMA6F5.0A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SMA6F5.0A STMICROELECTRONICS-SMA6F5.0A Datasheet
105Kb / 9P
High junction temperature Transil
04-Sep-2008
logo
Micro Commercial Compon...
SMA6F5.0A MCC-SMA6F5.0A Datasheet
328Kb / 4P
600 Watt Transient Voltage Suppressors 5.0 to 13 Volts
SMA6F5.0A MCC-SMA6F5.0A Datasheet
330Kb / 4P
600 Watt Transient Voltage Suppressors 5.0 to 13 Volts
logo
Vishay Siliconix
SMA6F5.0A VISHAY-SMA6F5.0A Datasheet
101Kb / 5P
Surface Mount TRANSZORB® Transient Voltage Suppressors
23-Nov-11
SMA6F5.0A VISHAY-SMA6F5.0A Datasheet
101Kb / 5P
Surface Mount TRANSZORB® Transient Voltage Suppressors
23-Nov-11
More results

Similar Description - SMA6F5.0A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SM6HT STMICROELECTRONICS-SM6HT Datasheet
51Kb / 6P
HIGH TEMPERATURE TRANSIL FOR AUTOMOTIVE APPLICATIONS
26-Jan-2005
SMA6J STMICROELECTRONICS-SMA6J Datasheet
111Kb / 10P
High junction temperature Transil TM
21-Feb-2007
SMM4F STMICROELECTRONICS-SMM4F Datasheet
111Kb / 10P
High junction temperature Transil?
19-Dec-2007
SMA6F STMICROELECTRONICS-SMA6F Datasheet
105Kb / 9P
High junction temperature Transil
04-Sep-2008
SMA6J_0711 STMICROELECTRONICS-SMA6J_0711 Datasheet
117Kb / 10P
High junction temperature Transil
07-Nov-2007
logo
Silikron Semiconductor ...
SSBR10100CT SILIKRON-SSBR10100CT Datasheet
195Kb / 2P
High Junction Temperature
SSBR20100CT SILIKRON-SSBR20100CT Datasheet
197Kb / 3P
High Junction Temperature
logo
STMicroelectronics
SMM4F15A-TR STMICROELECTRONICS-SMM4F15A-TR Datasheet
112Kb / 10P
High junction temperature Transil
19-Dec-2007
logo
Silikron Semiconductor ...
SSBD5L150A SILIKRON-SSBD5L150A Datasheet
297Kb / 5P
High Junction Temperature
logo
STMicroelectronics
SMA4F STMICROELECTRONICS-SMA4F Datasheet
102Kb / 9P
High junction temperature Transil?
September 2008 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com