Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV822IST Datasheet(PDF) 10 Page - STMicroelectronics

Part # LMV822IST
Description  Low power, high accuracy, general-purpose operational amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LMV822IST Datasheet(HTML) 10 Page - STMicroelectronics

Back Button LMV822IST Datasheet HTML 6Page - STMicroelectronics LMV822IST Datasheet HTML 7Page - STMicroelectronics LMV822IST Datasheet HTML 8Page - STMicroelectronics LMV822IST Datasheet HTML 9Page - STMicroelectronics LMV822IST Datasheet HTML 10Page - STMicroelectronics LMV822IST Datasheet HTML 11Page - STMicroelectronics LMV822IST Datasheet HTML 12Page - STMicroelectronics LMV822IST Datasheet HTML 13Page - STMicroelectronics LMV822IST Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
Electrical characteristics
LMV82x, LMV82xA
10/32
Doc ID 022467 Rev 3
Table 8.
Electrical characteristics at Vcc+ = 5 V with Vcc- = 0 V, Vicm = Vcc/2, Tamb = 25° C, and
RL connected to Vcc/2 (unless otherwise specified)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
DC performance
Vio
Input offset voltage
LMV82xA
0.8
mV
LMV82x
3.5
LMV82xA, -40°C < T< 125°C
2
LMV82x, -40°C < T< 125°C
4
ΔVio/ΔT Input offset voltage drift(1)
-40°C < T< 125°C
1
μV/°C
Iio
Input offset current (Vout = Vcc/2)
0.5
30
nA
-40°C < T< 125°C
1
50
Iib
Input bias current (Vout = Vcc/2)
60
120
-40°C < T< 125°C
180
CMR
Common mode rejection ratio 20
log (
ΔVicm/ΔVio)
Vic = 0 V to Vcc-1V, Vout = Vcc/
72
90
dB
-40°C < T< 125°C
70
SVR
Supply voltage rejection ratio 20
log (
ΔVcc/ΔVio)
Vcc = 2.5 to 5 V
70
75
-40°C < T< 125°C
65
Avd
Large signal voltage gain
Vout = 0.5V to (Vcc-0.5V)
RL = 600 Ω
95
100
RL = 600 Ω, -40°C < T<
125°C
90
RL = 2 kΩ
95
100
RL = 2 kΩ, -40°C < T< 125°C
90
VCC-VOH High level output voltage
RL = 600 Ω
250
mV
RL = 600 Ω, -40°C < T<
125°C
400
RL = 2 kΩ
150
RL = 2 kΩ, -40°C < T< 125°C
200
VOL
Low level output voltage
RL = 600 Ω
250
RL = 600 Ω, -40°C < T<
125°C
300
RL = 2 kΩ
150
RL = 2 kΩ, -40°C < T< 125°C
200
Iout
Isink (Vout = Vcc)
Vid = -1 V
35
43
mA
-40°C < T< 125°C
25
Isource (Vout = 0 V)
Vid = 1 V
60
70
-40°C < T< 125°C
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com