Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV822IST Datasheet(PDF) 4 Page - STMicroelectronics

Part # LMV822IST
Description  Low power, high accuracy, general-purpose operational amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LMV822IST Datasheet(HTML) 4 Page - STMicroelectronics

  LMV822IST Datasheet HTML 1Page - STMicroelectronics LMV822IST Datasheet HTML 2Page - STMicroelectronics LMV822IST Datasheet HTML 3Page - STMicroelectronics LMV822IST Datasheet HTML 4Page - STMicroelectronics LMV822IST Datasheet HTML 5Page - STMicroelectronics LMV822IST Datasheet HTML 6Page - STMicroelectronics LMV822IST Datasheet HTML 7Page - STMicroelectronics LMV822IST Datasheet HTML 8Page - STMicroelectronics LMV822IST Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
Absolute maximum ratings and operating conditions
LMV82x, LMV82xA
4/32
Doc ID 022467 Rev 3
2
Absolute maximum ratings and operating conditions
Table 2.
Absolute maximum ratings (AMR)
Symbol
Parameter
Value
Unit
Vcc
Supply voltage(1)
1. All voltage values, except the differential voltage are with respect to the network ground terminal.
6
V
Vid
Differential input voltage(2)
2. Differential voltages are the non-inverting input terminal with respect to the inverting input terminal.
±Vcc
Vin
Input pins (IN+ and IN- pins) voltage(3)
3.
Vcc-Vin must not exceed 6 V, Vin must not exceed 6 V.
Vcc- - 0.3 to Vcc+ + 0.3
Iin
Input current(4)
4. The input current must be limited by a resistor in series with the inputs.
10
mA
SHDN
Shutdown voltage(5)
5.
Vcc-Vshdn must not exceed 6 V, Vin must not exceed 6 V.
Vcc- - 0.2 to Vcc+ + 0.2
V
Tstg
Storage temperature
-65 to +150
°C
Rthja
Thermal resistance junction to ambient(6)(7)
6. Short-circuits can cause excessive heating and destructive dissipation.
7. Rth are typical values.
°C/W
–SC70-5
205
–SOT23-5
250
– DFN8 2x2
57
– MiniSO8
190
–SO8
125
– TSSOP14
100
–SO14
105
–SOT23-6
240
– MiniSO10
113
– TSSOP16
95
Tj
Maximum junction temperature
150
°C
ESD
HBM: human body model (except shutdown pin)(8)
8. Human body model: a 100 pF capacitor is discharged through a 1.5 k
Ω resistor between two pins of the
device. This is done for all couples of pin combinations while other pins are floating.
4
kV
HBM: human body model (shutdown pin)(8)
3.5
MM: machine model(9)
9. Machine model: a 200 pF capacitor is charged to the specified voltage, then discharged directly between
two pins of the device with no external series resistor (internal resistor < 5
Ω). This is done for all couples of
pin combinations while other pins are floating.
250
V
CDM: charged device model(10)
10. Charged device model: all pins and package are charged together to the specified voltage and then
discharged directly to ground.
1.3
kV
CDM: charged device model LMV825(10)
1
Latch-up immunity
200
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com