Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV824IPT Datasheet(PDF) 1 Page - STMicroelectronics

Part # LMV824IPT
Description  Low power, high accuracy, general-purpose operational amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LMV824IPT Datasheet(HTML) 1 Page - STMicroelectronics

  LMV824IPT Datasheet HTML 1Page - STMicroelectronics LMV824IPT Datasheet HTML 2Page - STMicroelectronics LMV824IPT Datasheet HTML 3Page - STMicroelectronics LMV824IPT Datasheet HTML 4Page - STMicroelectronics LMV824IPT Datasheet HTML 5Page - STMicroelectronics LMV824IPT Datasheet HTML 6Page - STMicroelectronics LMV824IPT Datasheet HTML 7Page - STMicroelectronics LMV824IPT Datasheet HTML 8Page - STMicroelectronics LMV824IPT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
This is information on a product in full production.
January 2013
Doc ID 022467 Rev 3
1/32
32
LMV82x, LMV82xA
Low power, high accuracy, general-purpose operational amplifier
Datasheet — production data
Features
■ Low power consumption: 400 µA max at 5 V
■ Low power shutdown mode: 50 nA max
■ Low offset voltage: 0.8 mV max at 25°C
■ Tiny packages
■ Extended temperature range: -40°C to +125°C
■ Low supply voltage: 2.5 V - 5.5 V
■ Gain bandwidth product: 5.5 MHz
■ Automotive qualification
Benefits
■ Longer lifetime in battery-powered applications
■ Higher accuracy without calibration
■ Smaller form factor than equivalent competitor
devices
■ Application performances guaranteed over
wide temperature range
Related products
■ See TSV85x series for lower power
consumption (180 µA max at 5 V)
Applications
■ Battery-powered applications
■ Portable devices
■ Automotive signal conditioning
■ Active filtering
■ Medical instrumentation
Description
The LMV82x and LMV82xA series of single, dual,
and quad operational amplifiers offer low voltage
operation with rail-to-rail output swing. They
outperform the industry standard LMV321,
especially with regard to the gain bandwidth
product (5.5 MHz). The LMV821, LMV822 and
LMV824 are offered with standard pinouts.
The LMV820, LMV823, and LMV825 include a
power-saving shutdown feature that reduces the
supply current to a maximum of 50 nA at 25 °C.
The wide temperature range, high ESD tolerance,
and automotive grade qualification make them
particularly suitable for use in harsh automotive
applications.
Table 1.
Device summary
Without shutdown
With shutSdown
Standard
Vio
Enhanced
Vio
Standard
Vio
Enhanced
Vio
Single
LMV821 LMV821A LMV820 LMV820A
Dual
LMV822 LMV822A LMV823 LMV823A
Quad
LMV824 LMV824A LMV825 LMV825A
TSSOP14
SO8
TSSOP16
SO14
SC70-5
DFN8 2x2
MiniSO8 / MiniSO10
SOT23-5 / SOT23-6
www.st.com


Similar Part No. - LMV824IPT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV824IPW TI-LMV824IPW Datasheet
658Kb / 31P
LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV824IPW TI-LMV824IPW Datasheet
764Kb / 35P
LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV824IPWE4 TI-LMV824IPWE4 Datasheet
658Kb / 31P
LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV824IPWE4 TI-LMV824IPWE4 Datasheet
764Kb / 35P
LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV824IPWG4 TI-LMV824IPWG4 Datasheet
764Kb / 35P
LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
More results

Similar Description - LMV824IPT

ManufacturerPart #DatasheetDescription
logo
NEC
UPC741 NEC-UPC741 Datasheet
296Kb / 10P
GENERAL PURPOSE OPERATIONAL AMPLIFIER
logo
NXP Semiconductors
MA741 PHILIPS-MA741 Datasheet
102Kb / 7P
General purpose operational amplifier
1994 Aug 31
MC1458 PHILIPS-MC1458 Datasheet
100Kb / 6P
General purpose operational amplifier
August 31, 1994
logo
Analog Devices
OP02 AD-OP02 Datasheet
355Kb / 8P
General - Purpose Operational Amplifier
logo
Texas Instruments
UA702M TI-UA702M Datasheet
193Kb / 4P
GENERAL-PURPOSE OPERATIONAL AMPLIFIER
logo
Raytheon Company
RC4741 RAYTHEON-RC4741 Datasheet
320Kb / 7P
General Purpose Operational Amplifier
logo
List of Unclassifed Man...
TSV854IQ4T ETC2-TSV854IQ4T Datasheet
1,016Kb / 31P
Low-power, high-accuracy, general-purpose operational amplifier
logo
Analog Devices
AD540 AD-AD540_15 Datasheet
1Mb / 4P
HIGH ACCURACY LOW COST FET INPUT OPERATIONAL AMPLIFIER
AD101A AD-AD101A_15 Datasheet
1Mb / 4P
GENERAL PURPOSE LOW COST IC OPERATIONAL AMPLIFIER
logo
STMicroelectronics
TSV85X STMICROELECTRONICS-TSV85X Datasheet
805Kb / 31P
Low-power, high-accuracy, general-purpose operational amplifier
April 2017 Rev 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com