Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV824IPT Datasheet(PDF) 13 Page - STMicroelectronics

Part # LMV824IPT
Description  Low power, high accuracy, general-purpose operational amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LMV824IPT Datasheet(HTML) 13 Page - STMicroelectronics

Back Button LMV824IPT Datasheet HTML 9Page - STMicroelectronics LMV824IPT Datasheet HTML 10Page - STMicroelectronics LMV824IPT Datasheet HTML 11Page - STMicroelectronics LMV824IPT Datasheet HTML 12Page - STMicroelectronics LMV824IPT Datasheet HTML 13Page - STMicroelectronics LMV824IPT Datasheet HTML 14Page - STMicroelectronics LMV824IPT Datasheet HTML 15Page - STMicroelectronics LMV824IPT Datasheet HTML 16Page - STMicroelectronics LMV824IPT Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
LMV82x, LMV82xA
Electrical characteristics
Doc ID 022467 Rev 3
13/32
Figure 8.
Output current vs. supply voltage at
Vicm = VCC/2
Figure 9.
Voltage gain and phase with
CL = 40 pF
2.0
2.0
2.5
3.0
3.0
3.5
4.0
4.0
4.5
5.0
5.0
5.5
-90
-90
-60
-60
-30
-30
00
30
30
60
60
90
90
Source
Vid=1V
Sink
Vid=-1V
T=-40°C
T=25°C
T=125°C
T=-40°C
Vicm=Vcc/2
T=125°C
T=25°C
Supply Voltage (V)
10k
100k
1M
10M
-20
-10
0
10
20
30
40
-270
-225
-180
-135
-90
-45
0
Frequency (Hz)
Gain
Phase
Vcc=5V
Vicm=2.5V
Rl=10kΩ
Cl=40pF
Gain=-100
T=125°C
T=-40°C
T=25°C
Figure 10. Voltage gain and phase with
CL = 100 pF
Figure 11. Voltage gain and phase with
CL = 200 pF
10k
100k
1M
10M
-20
-10
0
10
20
30
40
-270
-225
-180
-135
-90
-45
0
Frequency (Hz)
Gain
Phase
Vcc=5V
Vicm=2.5V
Rl=10kΩ
Cl=100pF
Gain=-100
T=125°C
T=-40°C
T=25°C
10k
100k
1M
10M
-20
-10
0
10
20
30
40
-270
-225
-180
-135
-90
-45
0
Frequency (Hz)
Gain
Phase
Vcc=5V
Vicm=2.5V
Rl=10kΩ
Cl=200pF
Gain=-100
T=125°C
T=-40°C
T=25°C
Figure 12. Phase margin vs. output current at
VCC = 5 V
Figure 13. Stability in follower configuration
-1.0 -0.8 -0.6 -0.4 -0.2 0.0
0.2
0.4
0.6
0.8
1.0
0
10
20
30
40
50
60
70
80
Sink
Source
Cl=40pF
Cl=100pF
Vcc=5V
Vicm=2.5V
Vload=2.5V
Rl=10KΩ
T=25°C
Output Current (mA)
100k
1M
10M
-15
-10
-10
-5
00
5
10
10
15
Vcc=5V
Vicm=2.5V
Rl=10kΩ
T=25°C
Cl=20pF
Cl=100pF
Cl=200pF
Cl=50pF
Frequency (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com