Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RAC04-SA Datasheet(PDF) 1 Page - Recom International Power

Part # RAC04-SA
Description  4 Watt Single/Dual Output
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RAC04-SA Datasheet(HTML) 1 Page - Recom International Power

  RAC04-SA Datasheet HTML 1Page - Recom International Power RAC04-SA Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PA-12
www.recom-electronic.com
REV: 0/2013
Please Read Application Notes
POWERLINE
AC/DC-Converter
with 3 year Warranty
RAC04
EN 55022/55024 Certified
UL-60950-1 Certified
4 Watt
Single/Dual
Output
● Ultracompact AC-DC Power Supply
● 4 Watt PCB Mount Package
● Universal Input Voltage Range including 277VAC
● 3kVAC Isolation (Class II)
● Very Low No Load Input Current
● Dual output version for standby relay circuits
● Short Circuit Protected
● EN/UL Certified, CE Marked.
Features
Regulated
Converters
Selection Guide
Input Voltage Range
standard
90-264VAC or 120-370VDC
/277 versions
90-305VAC or 120-430VDC
Rated Power
4 Watts max
Input Frequency Range (for AC Input)
47-440Hz
Input Current (full load)
115/230VAC
95/65mA max.
/277
75/55mA max.
No Load Power Consumption
115/230/277VAC
150/210/220mW typ.
Inrush Current (<0.5ms)
115/230VAC
15/25A max.
Leakage Current
0.25mA max
Output Voltage Accuracy (full load)
single outputs
±2%
3.3V (/277 Version)
±0.5%
Dual output version
5V/12V
±5%/±2%
Line Voltage Regulation (low line, high line at full load)
±0.2% typ
Dual output version
5V/12V
±3%/±0.2% typ
Load Voltage Regulation
3.3V output
±1% typ
( 0% to 100% full load )
All others
±0.5% typ
Dual output version
5V/12V
±5%/±0.5% typ
Output Ripple and Noise
3.3V output
<250mVp-p max
(measured @ 20MHz of bandwith with
5V output
<200mVp-p max.
0.1µF & 47µF parallel capacitor)
All others
100mVp-p max
Operating Frequency
132kHz typ
Hold-up time
15ms min.
Minimum Load
single outputs
0%
5V/12V
25%
RMS Isolation Voltage (input to output)
3kVAC / 1minute
Temperature Coefficient
±0.02%/°C typ
Isolation Resistance
100 M
Ω max
Short Circuit Protection
Hiccup, Automatic Restart
Output Overvoltage Protection
Zener Clamping Diode
Operating Temperature Range
All others
-40°C to +70°C
(natural convection, with derating)
Dual output version
-40°C to +70°C
Storage Temperature Range
-40°C to +85°C
Humidity
95% RH max
Case Material
Epoxy with Fibreglass (UL94V-0)
Package Weight
26g
Packing Quantity
12 pcs
EMC
Conducted and Radiated
EN 55022 Class B
Noise Immunity
EN 55024
MTBF (+25°C)
using MIL-HDBK-217F
>350 x 103 hours
125
75
50
25
0
100
Ambient Temperature Range (°C)
-40
-25 0
50
60
70
80 90 100
Natural Convection
Dual
Output
Version
5V /277
at Vin=305VAC
40
40
45
3.3V +3.3V/277
at Vin=305VAC
Description
The RAC04 series is an ultra-compact universal input
AC/DC power module for PCB mounting.
It features ultralow no-load power consumption, short
circuit, overload and output overvoltage protection as
well as a built-in EMC Class B filter. A high input
voltage version (suffix /277) is also available for input
voltages of up to 305VAC or 430VDC.
Specifications (typical at 25°C and after warm up time unless otherwise specified )
Part
Input
Output
Output
Efficiency
Max
Number
Range (VAC)*
Voltage
Current
Capacitive
(Std)
(/277)
(VDC)
(mA)
(%)
Load
RAC04-3.3SA
90-264
90-305
3.3
1200
68
14000µF
RAC04-05SA
90-264
90-305
5
800
72
8000µF
RAC04-09SA
90-264
90-305
9
444
75
2400µF
RAC04-12SA
90-264
90-305
12
333
76
1000µF
RAC04-15SA
90-264
90-305
15
267
76
700µF
RAC04-24SA
90-264
90-305
24
167
77
220µF
RAC04-0512DA
90-264
90-305
5/12
120/250
75
4700/330µF
* add suffix /277 for 90-305VAC input. High input voltage converters are identified by omitting pin 1.
Derating Graph (Ambient Temperature)
E196683
RoHS
2011/65/EU
6/6


Similar Part No. - RAC04-SA

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RAC04-S-DC-230 RECOM-RAC04-S-DC-230 Datasheet
90Kb / 3P
4 Watt Single Dual Output
RAC04-S-DC-277 RECOM-RAC04-S-DC-277 Datasheet
453Kb / 6P
4 Watt Single and Dual Output
RAC04-SC RECOM-RAC04-SC Datasheet
102Kb / 2P
4 Watt Single Output
RAC04-SC-W RECOM-RAC04-SC-W Datasheet
91Kb / 2P
4 Watt Single Output
More results

Similar Description - RAC04-SA

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RPP30-2424SW RECOM-RPP30-2424SW Datasheet
127Kb / 6P
30 Watt 4:1 Single Dual Output
logo
RSG Electronic Componen...
RR2-S04-D04 RSG-RR2-S04-D04 Datasheet
112Kb / 3P
4 Watt regulated single & dual output
logo
Recom International Pow...
RAC04-C RECOM-RAC04-C Datasheet
492Kb / 6P
4 Watt Single and Dual Output
RAC04-3.3SC RECOM-RAC04-3.3SC Datasheet
102Kb / 2P
4 Watt Single Output
RAC04-C-230 RECOM-RAC04-C-230 Datasheet
90Kb / 3P
4 Watt Single Dual Output
RAC04-C-277 RECOM-RAC04-C-277 Datasheet
453Kb / 6P
4 Watt Single and Dual Output
RAC04-C-W RECOM-RAC04-C-W Datasheet
91Kb / 2P
4 Watt Single Output
RAC04-SC RECOM-RAC04-SC Datasheet
102Kb / 2P
4 Watt Single Output
RAC04-S-DC-230 RECOM-RAC04-S-DC-230 Datasheet
90Kb / 3P
4 Watt Single Dual Output
RAC04-S-DC-277 RECOM-RAC04-S-DC-277 Datasheet
453Kb / 6P
4 Watt Single and Dual Output
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com