Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RAC04-SA Datasheet(PDF) 2 Page - Recom International Power

Part # RAC04-SA
Description  4 Watt Single/Dual Output
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RAC04-SA Datasheet(HTML) 2 Page - Recom International Power

  RAC04-SA Datasheet HTML 1Page - Recom International Power RAC04-SA Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.recom-international.com
PA-13
REV: 0/2013
RAC04-SA
Series
POWERLINE
AC/DC-Converter
Standard Package Style and Pinning
3.5
17.1
3.0
3.8
3.0
3.0
3.0
8.5
7.0
1
2
4
5
Bottom View
36.7
21.0
27.0
0.6
21.0
6
7
21.5
7.5
21.5
3.75 x 2
3
/277 Versions
omit Pin 1
Top View
6
5
432
7
1
No tracks in this area
Tc
XX.X ± 0.5 mm
XX.XX ± 0.25 mm
Pin Connections
Pin #
Single Output Dual Output
/277 Versions
1
NC
NC
No Pin
2
+VDC out
+12V
same
3
-VDC out
Com
same
4
NC
+5V
same
5
VAC in (L)
VAC in (L)
VAC in (L)
6
VAC in (N)
VAC in (N)
VAC in (N)
7NC
NC
NC
NC = No Connection
3rd angle
projection
Typical Characteristics
100
0
40%
0%
100%
40
Efficiency / Load
60%
80%
20%
20
60
80
Total Output current (%)
RAC04-24SA
RAC04-24SA/277
90
65
180
90
305
75
Efficiency / Input Voltage (Full Load)
230
264
115
70
80
85
Input Voltage (VAC)
RAC04-24SA
RAC04-24SA/277
Standard Application Circuit
N
Load
C1(Optional)
0.1uF
25V
L
C2(Optional)
47uF
50V
Fuse
VACin (L)
VACin (N)
Vout+
Vout-
Compact single output regulated
power supply
Suggested fuse rating:
1A Slow Blow
N
Relay
IR receiver
L
Fuse
To Application
IR transmitter
VACin (L)
VACin (N)
+12V
Vout-
+5V
Standby Relay Application
With 110VAC supply and 10mA
standby load, the circuit
consumes typically only 150mW.
Once activated by the remote
handset, the standard 12V relay
can switch a 16A load.
It is recommended to additionally bond the /277 version of the converter
to the PCB if the application is subject to vibration or mechanical shock.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com