Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST1CC40 Datasheet(PDF) 22 Page - STMicroelectronics

Part # ST1CC40
Description  3 A monolithic step-down current source with synchronous rectification
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1CC40 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button ST1CC40 Datasheet HTML 18Page - STMicroelectronics ST1CC40 Datasheet HTML 19Page - STMicroelectronics ST1CC40 Datasheet HTML 20Page - STMicroelectronics ST1CC40 Datasheet HTML 21Page - STMicroelectronics ST1CC40 Datasheet HTML 22Page - STMicroelectronics ST1CC40 Datasheet HTML 23Page - STMicroelectronics ST1CC40 Datasheet HTML 24Page - STMicroelectronics ST1CC40 Datasheet HTML 25Page - STMicroelectronics ST1CC40 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 37 page
background image
Application information
ST1CC40
22/37
DocID18279 Rev 5
7.1.3
Input capacitor
The input capacitor must be able to support the maximum input operating voltage and the
maximum RMS input current.
Since step-down converters draw current from the input in pulses, the input current is
squared and the height of each pulse is equal to the output current. The input capacitor
must absorb all this switching current, whose RMS value can be up to the load current
divided by two (worst case, with duty cycle of 50%). For this reason, the quality of these
capacitors must be very high to minimize the power dissipation generated by the internal
ESR, thereby improving system reliability and efficiency. The critical parameter is usually the
RMS current rating, which must be higher than the RMS current flowing through the
capacitor. The maximum RMS input current (flowing through the input capacitor) is:
Equation 24
where
 is the expected system efficiency, D is the duty cycle and IO is the output DC
current. Considering
 = 1, this function reaches its maximum value at D = 0.5 and the
equivalent RMS current is equal to IO divided by 2. The maximum and minimum duty cycles
are:
Equation 25
and
Equation 26
Table 6. Inductor selection
Manufacturer
Series
Inductor value (µH)
Saturation current (A)
Würth Elektronik
WE-HCI 7040
1 to 4.7
20 to 7
WE-HCI 7050
4.9 to 10
20 to 4.0
Coilcraft
XPL 7030
2.2 to 10
29 to 7.2
IRMS
IO
D
2D
2
---------------
D
2
2
-------
+
=
DMAX
VOUT VF
+
VINMIN VSW
-------------------------------------
=
DMIN
VOUT VF
+
VINMAX VSW
--------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com