Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST1CC40 Datasheet(PDF) 32 Page - STMicroelectronics

Part # ST1CC40
Description  3 A monolithic step-down current source with synchronous rectification
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1CC40 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button ST1CC40 Datasheet HTML 28Page - STMicroelectronics ST1CC40 Datasheet HTML 29Page - STMicroelectronics ST1CC40 Datasheet HTML 30Page - STMicroelectronics ST1CC40 Datasheet HTML 31Page - STMicroelectronics ST1CC40 Datasheet HTML 32Page - STMicroelectronics ST1CC40 Datasheet HTML 33Page - STMicroelectronics ST1CC40 Datasheet HTML 34Page - STMicroelectronics ST1CC40 Datasheet HTML 35Page - STMicroelectronics ST1CC40 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 37 page
background image
Typical characteristics
ST1CC40
32/37
DocID18279 Rev 5
8
Typical characteristics
Figure 21. Soft-start
Figure 22. Inhibit operation
Figure 23. Thermal shutdown protection
Figure 24. Hiccup current protection
Figure 25. OCP blanking time
Figure 26. Current regulation
AM12818v1
AM12819v1
AM12820v1
AM12821v1
130 ns typ.
AM12822v1
Vin 12V
Vled 7V
AM12823v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com