Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4291 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN4291
Description  STEVAL385LED4CH: four independent high brightness LED
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4291 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN4291 Datasheet HTML 3Page - STMicroelectronics AN4291 Datasheet HTML 4Page - STMicroelectronics AN4291 Datasheet HTML 5Page - STMicroelectronics AN4291 Datasheet HTML 6Page - STMicroelectronics AN4291 Datasheet HTML 7Page - STMicroelectronics AN4291 Datasheet HTML 8Page - STMicroelectronics AN4291 Datasheet HTML 9Page - STMicroelectronics AN4291 Datasheet HTML 10Page - STMicroelectronics AN4291 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 53 page
background image
DocID024519 Rev 1
7/53
AN4291
Demonstration board features
To guarantee the maximum reliability of the demonstration board against the most common
LED failures, the STLUX385A implements the following software and hardware protections:
•
For each LED string:
–
overcurrent
–
short-circuit
–
LED voltage drop falls below the 2.9 V limit
–
LED voltage drop higher than the 4.2 V limit
–
disconnected string (open circuit)
•
Power voltage outside configured lower / upper limits
The STLUX385A device drives the 4 LED channels (CH0, CH1, CH2, CH3) seen on the
right side of the board.
The board uses a DC-DC converter to supply the MOS drivers (U3, U2) with 10 V, while the
STLUX385A (3.3 V or 5 V) is powered by a linear regulator.
There are three buttons to manually change the dimming period. The DALI and UART TTL
interfaces are supported.
Two LEDs indicate the board status: the green one shows that the system is “ready” while
the red one indicates a system fault or the intervention of a protection mechanism.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com