Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4291 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN4291
Description  STEVAL385LED4CH: four independent high brightness LED
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4291 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN4291 Datasheet HTML 19Page - STMicroelectronics AN4291 Datasheet HTML 20Page - STMicroelectronics AN4291 Datasheet HTML 21Page - STMicroelectronics AN4291 Datasheet HTML 22Page - STMicroelectronics AN4291 Datasheet HTML 23Page - STMicroelectronics AN4291 Datasheet HTML 24Page - STMicroelectronics AN4291 Datasheet HTML 25Page - STMicroelectronics AN4291 Datasheet HTML 26Page - STMicroelectronics AN4291 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 53 page
background image
DocID024519 Rev 1
23/53
AN4291
Firmware implementation
interrupt is received when the next dimming even is required, as specified in the
onoff[][]
structure.
When the interrupt routine sets a SMED ON, the startup flag for the ADC delayed
acquisition (using the AWU peripheral) is also set.
•
SMEDx_ISR()
: SMED interrupt
The interrupt is used to stop the SMED when an OCP problem is detected. The
interrupt is generated by a SMED on exit from S3. The SMED is in S3 only if
event(1) is received during S1. The interrupt routines stop the SMED by changing
the SWx bit and giving the fault signal to the main function, which turns on the red
"fault" LED. The SMED is reactivated on its next dimming cycle and if the OCP
problem is not removed then the SMED evolves into S3, triggering the
SMEDx_ISR
interrupt again.
Auto-wakeup unit. The auto-wakeup unit is used while the CPU waits for the
current startup and LED voltage settlement time before starting the ADC
acquisition. For a correct FOT implementation the ADC measures the VCOMx
voltage when the PWM is ON and when the VLED has a correct value. This time is
fixed to around 100 µs after the SMED start. When the AWU time expires, the
interrupt starts the ADC channel acquisition.
•
ADC_ISR()
: ADC interrupt
The routine samples, for each channel, VLED_PW and VCOMx, 4 times respectively.
The values are then averaged and stored. The ADC sampling routine occurs 100
µs after the start of the PWM dimming. Should the PWM dimming time be smaller
than 100 µs, the ADC samples incorrect voltage values and therefore the samples
are discarded. This protection (inconsistent voltage protection) is implemented via
the SMED_Active bit.
The interrupt routine uses the adc_eoc flag to inform the main function that the
ADC operation is completed and that new data is available. As a consequence,
the software discards the ADC value. The interrupt routine uses the adc_eoc flag
to inform the main function that the ADC operation is completed and that new data
is available.
•
Get_Key()
This routine is used to detect if the board buttons are pressed. The STLUX385A
uses the ADC (ADCIN[7], pin 31) to sense the button status. Since the ADC is
used also to read VCOMx and VPWR, a protection is set to avoid conflicts.
•
Comp_PWM()
It computes the new SMED’s operating parameters as calculated by the adaptive
voltage compensation mechanism.The new values are updated on the SMED
registers only during the next STOP phases (using the upd_flags variable with
UPD_PWMx
flags).
•
Comp_DUTY()
This routine is invoked when the user changes the dimming period. The routine
computes a new dimming period based on the ontime[] structures and stores
the result on tmp_onoff[][] structures. The update is performed at the
beginning of the next dimming period (using the upd_flags variable with
UPD_DUTY
flags) and when the dimming is OFF. During the update, the
tmp_off[][]
structure is copied into the onoff[][] structure.
The tasks displayed in the previous picture refer to the PWM and dimming control
operations only. The STLUX385A firmware handles other tasks such as the command line,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com