Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSU104IPT Datasheet(PDF) 1 Page - STMicroelectronics

Part # TSU104IPT
Description  Nanopower, rail-to-rail input and output, 5 V CMOS operational amplifiers
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSU104IPT Datasheet(HTML) 1 Page - STMicroelectronics

  TSU104IPT Datasheet HTML 1Page - STMicroelectronics TSU104IPT Datasheet HTML 2Page - STMicroelectronics TSU104IPT Datasheet HTML 3Page - STMicroelectronics TSU104IPT Datasheet HTML 4Page - STMicroelectronics TSU104IPT Datasheet HTML 5Page - STMicroelectronics TSU104IPT Datasheet HTML 6Page - STMicroelectronics TSU104IPT Datasheet HTML 7Page - STMicroelectronics TSU104IPT Datasheet HTML 8Page - STMicroelectronics TSU104IPT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
This is information on a product in full production.
July 2013
DocID024317 Rev 2
1/33
TSU101, TSU102, TSU104
Nanopower, rail-to-rail input and output, 5 V CMOS
operational amplifiers
Datasheet
- production data
Features
• Submicro ampere current consumption:
580 nA typ per channel at 25 °C at VCC = 1.8 V
• Low supply voltage: 1.5 V - 5.5 V
• Unity gain stable
• Rail-to-rail input and output
• Gain bandwidth product: 8 kHz typ
• Low input bias current: 5 pA max at 25 °C
• High tolerance to ESD: 2 kV HBM
• Industrial temperature range: -40 °C to +85 °C
Benefits
• 42 years of typical equivalent lifetime (for
TSU101) if supplied by a 220 mAh coin type
Lithium battery
• Tolerance to power supply transient drops
• Accurate signal conditioning of high impedance
sensors
• Application performances guaranteed over
industrial temperature range
• Fast desaturation
Applications
• Ultra long life battery-powered applications
• Power metering
• UV and photo sensors
• Electrochemical and gas sensors
• Pyroelectric passive infrared (PIR) detection
• Battery current sensing
• Medical instrumentation
• RFID readers
Description
The TSU101, TSU102, and TSU104 operational
amplifiers offer an ultra low-power consumption of
580 nA typical and 750 nA maximum per channel
when supplied by 1.8 V. Combined with a supply
voltage range of 1.5 V to 5.5 V, these features
allow the TSU10x series to be efficiently supplied
by a coin type Lithium battery or a regulated
voltage in low-power applications.
The 8 kHz gain bandwidth of these devices make
them ideal for sensor signal conditioning, battery
supplied, and portable applications.
www.st.com


Similar Part No. - TSU104IPT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSU104 STMICROELECTRONICS-TSU104 Datasheet
27Mb / 31P
High temperature (150 °C) and long mission profile automotive grade, high accuracy (250 μV) 5 V CMOS operational amplifier
06-Dec-2022
More results

Similar Description - TSU104IPT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV931 TI-LMV931 Datasheet
725Kb / 26P
1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL INPUT AND OUTPUT
logo
Analog Devices
OP196 AD-OP196_02 Datasheet
287Kb / 16P
Micropower, Rail-to-Rail Input and Output Operational Amplifiers
REV. C
OP184 AD-OP184_06 Datasheet
508Kb / 24P
Precision Rail-to-Rail Input and Output Operational Amplifiers
REV. D
logo
Texas Instruments
LMV341-Q1 TI1-LMV341-Q1 Datasheet
680Kb / 24P
RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS
LMV931-Q1 TI1-LMV931-Q1 Datasheet
1Mb / 32P
1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL INPUT AND OUTPUT
LMV931IDBVRG4 TI-LMV931IDBVRG4 Datasheet
514Kb / 27P
1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL INPUT AND OUTPUT
logo
SG Micro Corp
SGM8655 SGMICRO-SGM8655_15 Datasheet
463Kb / 18P
Rail-to-Rail Output CMOS Operational Amplifiers
logo
Analog Devices
OP184 AD-OP184_15 Datasheet
676Kb / 24P
Precision Rail-to-Rail Input and Output Operational Amplifiers
Rev. J
OP284 AD-OP284_15 Datasheet
676Kb / 24P
Precision Rail-to-Rail Input and Output Operational Amplifiers
Rev. J
logo
Texas Instruments
LMV341-Q1 TI-LMV341-Q1_15 Datasheet
1Mb / 27P
RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com