Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSU104IPT Datasheet(PDF) 12 Page - STMicroelectronics

Part # TSU104IPT
Description  Nanopower, rail-to-rail input and output, 5 V CMOS operational amplifiers
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSU104IPT Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TSU104IPT Datasheet HTML 8Page - STMicroelectronics TSU104IPT Datasheet HTML 9Page - STMicroelectronics TSU104IPT Datasheet HTML 10Page - STMicroelectronics TSU104IPT Datasheet HTML 11Page - STMicroelectronics TSU104IPT Datasheet HTML 12Page - STMicroelectronics TSU104IPT Datasheet HTML 13Page - STMicroelectronics TSU104IPT Datasheet HTML 14Page - STMicroelectronics TSU104IPT Datasheet HTML 15Page - STMicroelectronics TSU104IPT Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
Electrical characteristics
TSU101, TSU102, TSU104
12/33
DocID024317 Rev 2
Figure 8. Input offset voltage temperature
coefficient distribution
Figure 9. Input bias current vs. temperature at
mid VICM
-5
-4
-3
-2
-1
0
1
2
3
4
5
0
5
10
15
20
25
30
ΔVio/ΔT distribution
between T=-40°C and 85°C
for Vcc=3.3V, Vicm=1.65V
ΔVio/ΔT (µV/°C)
-40
-40
-20
-20
0020
20
40
40
60
60
80
80
-20
-20
-15
-10
-10
-5
00
5
10
10
15
20
20
Vcc=3.3V
Vcc=5V
Vcc=1.8V
Vicm=Vcc/2
Temperature (°C)
Figure 10. Input bias current vs. temperature at
low VICM
Figure 11. Input bias current vs. temperature at
high VICM
-40
-40
-20
-20
0020
20
40
40
60
60
80
80
-20
-20
-15
-10
-10
-5
00
5
10
10
15
20
20
Vcc=3.3V
Vcc=5V
Vcc=1.8V
Vicm=0V
Temperature (°C)
-40
-40
-20
-20
0020
20
40
40
60
60
80
80
-20
-20
-15
-10
-10
-5
00
5
10
10
15
20
20
Vcc=3.3V
Vcc=5V
Vcc=1.8V
Vicm=Vcc
Temperature (°C)
Figure 12. Output characteristics at 1.8 V
supply voltage
Figure 13. Output characteristics at 3.3 V
supply voltage
0.0
0.0 0.5
0.5 1.0
1.0 1.5
1.5 2.0
2.0 2.5
2.5 3.0
3.0 3.5
3.5 4.0
4.0 4.5
4.5 5.0
5.0 5.5
5.5 6.0
6.0
0.0
0.0
0.2
0.2
0.4
0.4
0.6
0.6
0.8
0.8
1.0
1.0
1.2
1.2
1.4
1.4
1.6
1.6
1.8
1.8
Source
Vid=0.2V
Sink
Vid=-0.2V
T=85°C
T=-40°C
Vcc=1.8V
Vicm=0.1V
T=25°C
Output Current (mA)
0011223344556677889910
10
0.0
0.0
0.3
0.3
0.6
0.6
0.9
0.9
1.2
1.2
1.5
1.5
1.8
1.8
2.1
2.1
2.4
2.4
2.7
2.7
3.0
3.0
3.3
3.3
Source
Vid=0.2V
Sink
Vid=-0.2V
T=85°C
T=-40°C
Vcc=3.3V
Vicm=0.1V
T=25°C
Output Current (mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com