Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC847AM Datasheet(PDF) 11 Page - NXP Semiconductors

Part # BC847AM
Description  45 V, 100 mA NPN general-purpose transistors
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BC847AM Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button BC847AM Datasheet HTML 7Page - NXP Semiconductors BC847AM Datasheet HTML 8Page - NXP Semiconductors BC847AM Datasheet HTML 9Page - NXP Semiconductors BC847AM Datasheet HTML 10Page - NXP Semiconductors BC847AM Datasheet HTML 11Page - NXP Semiconductors BC847AM Datasheet HTML 12Page - NXP Semiconductors BC847AM Datasheet HTML 13Page - NXP Semiconductors BC847AM Datasheet HTML 14Page - NXP Semiconductors BC847AM Datasheet HTML 15Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
BC847_BC547_SER_7
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 07 — 10 December 2008
11 of 15
NXP Semiconductors
BC847/BC547 series
45 V, 100 mA NPN general-purpose transistors
9.
Packing information
Fig 19. Package outline SOT54 variant
05-01-10
Dimensions in mm
5.2
5.0
14.5
12.7
4.8
4.4
4.2
3.6
0.45
0.38
0.48
0.40
1.27
1.27
2.54
2.5
max
3
2
1
Table 9.
Packing methods
The indicated -xxx are the last three digits of the 12NC ordering code.[1]
Type number[2]
Package
Description
Packing quantity
3000
5000
10000
BC847
SOT23
4 mm pitch, 8 mm tape and reel
-215
-
-235
BC847A
BC847B
BC847B/DG
BC847C
BC847W
SOT323
4 mm pitch, 8 mm tape and reel
-115
-
-135
BC847AW
BC847BW
BC847BW/DG
BC847CW
BC847T
SOT416
4 mm pitch, 8 mm tape and reel
-115
-
-135
BC847AT
BC847AT/DG
BC847BT
BC847CT
BC847AM
SOT883
2 mm pitch, 8 mm tape and reel
-
-
-315
BC847BM
BC847CM
BC547
SOT54
bulk, straight leads
-
-412
-
BC547B
BC547C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com