Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF4351 Datasheet(PDF) 1 Page - Analog Devices

Part # ADF4351
Description  Evaluation Board for the ADF4351 Fractional-N PLL Frequency Synthesizer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4351 Datasheet(HTML) 1 Page - Analog Devices

  ADF4351 Datasheet HTML 1Page - Analog Devices ADF4351 Datasheet HTML 2Page - Analog Devices ADF4351 Datasheet HTML 3Page - Analog Devices ADF4351 Datasheet HTML 4Page - Analog Devices ADF4351 Datasheet HTML 5Page - Analog Devices ADF4351 Datasheet HTML 6Page - Analog Devices ADF4351 Datasheet HTML 7Page - Analog Devices ADF4351 Datasheet HTML 8Page - Analog Devices ADF4351 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Evaluation Board User Guide
UG-435
One Technology Way • P.O. Box 9106 • Norwood, MA 02062-9106, U.S.A. • Tel: 781.329.4700 • Fax: 781.461.3113 • www.analog.com
Evaluation Board for the ADF4351 Fractional-N PLL Frequency Synthesizer
PLEASE SEE THE LAST PAGE FOR AN IMPORTANT
WARNING AND LEGAL TERMS AND CONDITIONS.
Rev. 0 | Page 1 of 20
FEATURES
Self-contained board including PLL, VCO, loop filter (35 kHz),
25 MHz TCXO reference, USB interface, and voltage
regulators
Accompanying software allows control of synthesizer
functions from a PC
Choice of power supply via USB or external feeding
Typical phase noise performance of −104 dBc/Hz @ 3 kHz
offset from carrier (1 GHz output frequency)
EVALUATION KIT CONTENTS
EVAL-ADF4351EB1Z board
USB Standard-A to Mini-B cable
CD that includes
Self-installing software that allows users to control the
board and exercise all functions of the device
Electronic version of the ADF4351 data sheet
Electronic version of the UG-435 user guide
ADDITIONAL EQUIPMENT
PC running Windows XP or more recent version
Spectrum analyzer
Oscilloscope (optional)
DOCUMENTS NEEDED
ADF4351 data sheet
REQUIRED SOFTWARE
Analog Devices ADF435xPLL software (Version 4 or higher)
ADIsimPLL™
GENERAL DESCRIPTION
This board is designed to allow the user to evaluate the perfor-
mance of the ADF4351 frequency synthesizer for phase-locked
loops (PLLs). Figure 1 shows the board, which contains the
ADF4351 integrated synthesizer and VCO, SMA connectors for
the output signal, power supplies, a reference oscillator, and an
USB connector. There is also a loop filter (35 kHz) on board.
The evaluation board is set up for a 25 MHz PFD comparison
frequency. An on-board TCXO provides the 25 MHz reference
frequency.
The package also contains Windows® software (XP or later) to
allow easy programming of the synthesizer.
EVALUATION BOARD
Figure 1. EVAL-ADF4351EB1Z


Similar Part No. - ADF4351

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4351 AD-ADF4351 Datasheet
592Kb / 28P
Wideband Synthesizer
REV. 0
ADF4351 AD-ADF4351 Datasheet
471Kb / 5P
Broadband Low Error Vector Magnitude (EVM) Direct Conversion Transmitter
REV. 0
ADF4351 AD-ADF4351 Datasheet
248Kb / 8P
Evaluating the CN-0285 Wideband Tx Modulator Solution
REV. 0
ADF4351 AD-ADF4351 Datasheet
427Kb / 5P
Increasing the Number of Outputs from a Clock Source Using Low Jitter LVPECL Fanout Buffers
REV. 0
ADF4351 AD-ADF4351 Datasheet
155Kb / 4P
Broadband, Low Error Vector Magnitude (EVM) Direct Conversion Transmitter Using LO Divide-by-2 Modulator
REV. 0
More results

Similar Description - ADF4351

ManufacturerPart #DatasheetDescription
logo
Analog Devices
EVAL-ADF411XEB1 AD-EVAL-ADF411XEB1 Datasheet
175Kb / 6P
Evaluation Board For PLL Frequency Synthesizer
EVAL-ADF4208EB1 AD-EVAL-ADF4208EB1 Datasheet
410Kb / 6P
Evaluation Board For PLL Frequency Synthesizer
EVAL-ADF4212EB1 AD-EVAL-ADF4212EB1 Datasheet
387Kb / 6P
Evaluation Board For PLL Frequency Synthesizer
EVAL-ADF4213EB1 AD-EVAL-ADF4213EB1 Datasheet
277Kb / 6P
Evaluation Board For PLL Frequency Synthesizer
EVAL-ADF421XEB1 AD-EVAL-ADF421XEB1 Datasheet
247Kb / 6P
Evaluation Board For PLL Frequency Synthesizer
logo
Fuji Electric
E421371 FUJI-E421371 Datasheet
323Kb / 29P
Fractional-N PLL Frequency Synthesizer
logo
fujitsu semiconductor
MB15F88UL FUJITSU-MB15F88UL Datasheet
315Kb / 29P
Fractional-N PLL Frequency Synthesizer
MB15F83UL FUJITSU-MB15F83UL Datasheet
304Kb / 29P
Fractional-N PLL Frequency Synthesizer
logo
Analog Devices
EVAL-ADF4153EB1 AD-EVAL-ADF4153EB1 Datasheet
204Kb / 8P
Evaluation Board For Fractional-N PLL Frequency Synthesizer
logo
fujitsu semiconductor
MB15F86UL FUJITSU-MB15F86UL Datasheet
313Kb / 28P
Fractional-N PLL Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com