Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF4351 Datasheet(PDF) 10 Page - Analog Devices

Part # ADF4351
Description  Evaluation Board for the ADF4351 Fractional-N PLL Frequency Synthesizer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4351 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADF4351 Datasheet HTML 6Page - Analog Devices ADF4351 Datasheet HTML 7Page - Analog Devices ADF4351 Datasheet HTML 8Page - Analog Devices ADF4351 Datasheet HTML 9Page - Analog Devices ADF4351 Datasheet HTML 10Page - Analog Devices ADF4351 Datasheet HTML 11Page - Analog Devices ADF4351 Datasheet HTML 12Page - Analog Devices ADF4351 Datasheet HTML 13Page - Analog Devices ADF4351 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
UG-435
Evaluation Board User Guide
Rev. 0 | Page 10 of 20
The Main Controls tab controls the PLL settings (see Figure 19).
Use the Reference Frequency text box to set the correct
reference frequency and the reference frequency divider. The
default reference on the software window is 25 MHz.
Use the RF Settings section to control the output frequency.
You can type the desired output frequency in the RF Frequency
text box (in megahertz).
In the Registers tab, you can manually input the desired value
to be written to the registers.
In the Sweep and Hop tab, you can make the device sweep a
range of frequencies, or hop between two set frequencies.
In the Registers section at the bottom of the Main Controls
tab, the values to be written to each register are displayed. If the
background on the text box is green, the value displayed is
different from the value actually on the device. Click Write Rx
(where x = 0 to 5) to write that value to the device.
Figure 19. Software Front Panel Display—Main Controls



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com