Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZX84JB3V6.115 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BZX84JB3V6.115
Description  General-purpose Zener diodes in a SOD323F (SC-90) very small and flat lead Surface-Mounted Device (SMD) plastic package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BZX84JB3V6.115 Datasheet(HTML) 4 Page - NXP Semiconductors

  BZX84JB3V6.115 Datasheet HTML 1Page - NXP Semiconductors BZX84JB3V6.115 Datasheet HTML 2Page - NXP Semiconductors BZX84JB3V6.115 Datasheet HTML 3Page - NXP Semiconductors BZX84JB3V6.115 Datasheet HTML 4Page - NXP Semiconductors BZX84JB3V6.115 Datasheet HTML 5Page - NXP Semiconductors BZX84JB3V6.115 Datasheet HTML 6Page - NXP Semiconductors BZX84JB3V6.115 Datasheet HTML 7Page - NXP Semiconductors BZX84JB3V6.115 Datasheet HTML 8Page - NXP Semiconductors BZX84JB3V6.115 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
BZX84J_SER
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 2 — 1 August 2011
4 of 13
NXP Semiconductors
BZX84J series
Single Zener diodes
Table 8.
Characteristics per type; BZX84J-B2V4 to BZX84J-C24
Tj =25 C unless otherwise specified.
BZX84J-
xxx
Sel
Working
voltage
VZ (V)
Differential
resistance
rdif ()
Reverse
current
IR (A)
Temperature
coefficient
SZ (mV/K)
Diode
capacitance
Cd (pF)[1]
Non-repetitive
peak reverse
current
IZSM (A)[2]
IZ =5 mA
IZ =1mA IZ =5mA
IZ =5mA
Min
Max
Max
Max
Max
VR (V) Min
Max
Max
Max
2V4
B
2.35
2.45
400
100
50
1
3.5
0
450
12
C2.2
2.6
2V7
B
2.65
2.75
450
100
20
1
3.5
0
440
12
C2.5
2.9
3V0
B
2.94
3.06
500
95
10
1
3.5
0
425
12
C2.8
3.2
3V3
B
3.23
3.37
500
95
5
1
3.5
0
410
12
C3.1
3.5
3V6
B
3.53
3.67
500
90
5
1
3.5
0
390
12
C3.4
3.8
3V9
B
3.82
3.98
500
90
3
1
3.5
0
370
12
C3.7
4.1
4V3
B
4.21
4.39
600
90
3
1
3.5
0
350
12
C4
4.6
4V7
B
4.61
4.79
500
80
3
2
3.5
0.2
325
12
C4.4
5
5V1
B
5
5.2
480
60
2
2
2.7
1.2
300
12
C4.8
5.4
5V6
B
5.49
5.71
400
40
1
2
22.5
275
12
C5.2
6
6V2
B
6.08
6.32
150
10
3
4
0.4
3.7
250
12
C5.8
6.6
6V8
B
6.66
6.94
80
15
2
4
1.2
4.5
215
12
C6.4
7.2
7V5
B
7.35
7.65
80
10
1
5
2.5
5.3
170
4
C7
7.9
8V2
B
8.04
8.36
80
10
0.7
5
3.2
6.2
150
4
C7.7
8.7
9V1
B
8.92
9.28
100
10
0.5
6
3.8
7
120
3
C8.5
9.6
10
B
9.8
10.2
150
10
0.2
7
4.5
8
110
3
C
9.4
10.6
11
B
10.8
11.2
150
10
0.1
8
5.4
9
108
2.5
C
10.4
11.6
12
B
11.8
12.2
150
10
0.1
8
6
10
105
2.5
C
11.4
12.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com