Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZX84JB3V6.115 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # BZX84JB3V6.115
Description  General-purpose Zener diodes in a SOD323F (SC-90) very small and flat lead Surface-Mounted Device (SMD) plastic package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BZX84JB3V6.115 Datasheet(HTML) 1 Page - NXP Semiconductors

  BZX84JB3V6.115 Datasheet HTML 1Page - NXP Semiconductors BZX84JB3V6.115 Datasheet HTML 2Page - NXP Semiconductors BZX84JB3V6.115 Datasheet HTML 3Page - NXP Semiconductors BZX84JB3V6.115 Datasheet HTML 4Page - NXP Semiconductors BZX84JB3V6.115 Datasheet HTML 5Page - NXP Semiconductors BZX84JB3V6.115 Datasheet HTML 6Page - NXP Semiconductors BZX84JB3V6.115 Datasheet HTML 7Page - NXP Semiconductors BZX84JB3V6.115 Datasheet HTML 8Page - NXP Semiconductors BZX84JB3V6.115 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1.
Product profile
1.1 General description
General-purpose Zener diodes in a SOD323F (SC-90) very small and flat lead
Surface-Mounted Device (SMD) plastic package.
1.2 Features and benefits
1.3 Applications
General regulation functions
1.4 Quick reference data
[1]
Pulse test: tp  300 s;  0.02.
[2]
tp =100 s; square wave; Tj =25 C prior to surge
2.
Pinning information
[1]
The marking bar indicates the cathode.
BZX84J series
Single Zener diodes
Rev. 2 — 1 August 2011
Product data sheet
Non-repetitive peak reverse power
dissipation:
 40 W
Wide working voltage range: nominal
2.4 V to 75 V (E24 range)
Total power dissipation:
 550 mW
Two tolerance series:
2%and 5%
AEC-Q101 qualified
Low differential resistance
Small plastic package suitable for
surface-mounted design
Table 1.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VF
forward voltage
IF =100 mA
[1] --
1.1
V
PZSM
non-repetitive peak reverse
power dissipation
[2] --
40
W
Table 2.
Pinning
Pin
Description
Simplified outline
Symbol
1
cathode
[1]
2
anode
2
1
006aaa152
2
1


Similar Part No. - BZX84JB3V6.115

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BZX84JB3V6H TSC-BZX84JB3V6H Datasheet
503Kb / 6P
550mW, 2.4V - 75V Surface Mount Zener Diode
Version: A2503
More results

Similar Description - BZX84JB3V6.115

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PZUXB PHILIPS-PZUXB Datasheet
64Kb / 12P
Single Zener diodes in a SOD323F package
Rev. 01-7 March 2006
BZX84J-B7V5,115 NXP-BZX84J-B7V5,115 Datasheet
166Kb / 13P
General-purpose Zener diodes in a SOD323F (SC-90) very small and flat lead Surface-Mounted Device (SMD) plastic package.
Rev. 2-1 August 2011
NZH16C,115 NXP-NZH16C,115 Datasheet
112Kb / 9P
General-purpose Zener diodes in a SOD123F small and flat lead Surface-Mounted Device (SMD) plastic package
Rev. 01-27 January 2010
2PB709ART.215 NXP-2PB709ART.215 Datasheet
100Kb / 10P
PNP general-purpose transistor in a small SOT23 (TO-236AB) Surface-Mounted Device (SMD) plastic package.
Rev. 01-19 March 2007
BAS70H.115 NXP-BAS70H.115 Datasheet
224Kb / 20P
General-purpose Schottky diodes in small Surface-Mounted Device (SMD) plastic packages.
Rev. 09-13 January 2010
NZH3V0B-115 PHILIPS-NZH3V0B-115 Datasheet
112Kb / 9P
General-purpose Zener diodes in a SOD123F small and flat lead Surface-Mounted Device (SMD) plastic package
Rev. 01-27 January 2010
BZB84-C5V1215 PHILIPS-BZB84-C5V1215 Datasheet
90Kb / 14P
General-purpose Zener diodes in a SOT23 (TO-236AB) small Surface-Mounted Device (SMD) plastic package
Rev. 03-9 June 2009
NZH5V1B-115 PHILIPS-NZH5V1B-115 Datasheet
112Kb / 9P
General-purpose Zener diodes in a SOD123F small and flat lead Surface-Mounted Device (SMD) plastic package
Rev. 01-27 January 2010
logo
Shanghai Shunye Electro...
1SS400 SHUNYE-1SS400_17 Datasheet
256Kb / 4P
Very Small Outline Flat Lead Plastic Package General Purpose Application High Speed Switching Diode
logo
Nexperia B.V. All right...
PZUXB_SER NEXPERIA-PZUXB_SER Datasheet
259Kb / 12P
Zener diodes in a SOD323F package
Rev. 5 - 2 November 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com