Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC2102FBD48 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # LPC2102FBD48
Description  Single-chip 16-bit/32-bit microcontrollers; 8 kB/16 kB/32 kB flash with ISP/IAP, fast ports and 10-bit ADC
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2102FBD48 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button LPC2102FBD48 Datasheet HTML 17Page - NXP Semiconductors LPC2102FBD48 Datasheet HTML 18Page - NXP Semiconductors LPC2102FBD48 Datasheet HTML 19Page - NXP Semiconductors LPC2102FBD48 Datasheet HTML 20Page - NXP Semiconductors LPC2102FBD48 Datasheet HTML 21Page - NXP Semiconductors LPC2102FBD48 Datasheet HTML 22Page - NXP Semiconductors LPC2102FBD48 Datasheet HTML 23Page - NXP Semiconductors LPC2102FBD48 Datasheet HTML 24Page - NXP Semiconductors LPC2102FBD48 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
LPC2101_02_03_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 2 June 2009
21 of 37
NXP Semiconductors
LPC2101/02/03
Single-chip 16-bit/32-bit microcontrollers
6.18.1 EmbeddedICE
Standard ARM EmbeddedICE logic provides on-chip debug support. The debugging of
the target system requires a host computer running the debugger software and an
EmbeddedICE protocol converter. The EmbeddedICE protocol converter converts the
remote debug protocol commands to the JTAG data needed to access the ARM core.
The ARM core has a debug communication channel function built-in. The debug
communication channel allows a program running on the target to communicate with the
host debugger or another separate host without stopping the program flow or even
entering the debug state. The debug communication channel is accessed as a
coprocessor 14 by the program running on the ARM7TDMI-S core. The debug
communication channel allows the JTAG port to be used for sending and receiving data
without affecting the normal program flow. The debug communication channel data and
control registers are mapped in to addresses in the EmbeddedICE logic. The JTAG clock
(TCK) must be slower than 1
⁄
6 of the CPU clock (CCLK) for the JTAG interface to operate.
6.18.2 RealMonitor
RealMonitor is a configurable software module, developed by ARM Inc., which enables
real time debug. It is a lightweight debug monitor that runs in the background while users
debug their foreground application. It communicates with the host using the DCC, which is
present in the EmbeddedICE logic. The LPC2101/02/03 contain a specific configuration of
RealMonitor software programmed into the on-chip boot ROM memory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com