Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC2102FBD48 Datasheet(PDF) 27 Page - NXP Semiconductors

Part # LPC2102FBD48
Description  Single-chip 16-bit/32-bit microcontrollers; 8 kB/16 kB/32 kB flash with ISP/IAP, fast ports and 10-bit ADC
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2102FBD48 Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button LPC2102FBD48 Datasheet HTML 23Page - NXP Semiconductors LPC2102FBD48 Datasheet HTML 24Page - NXP Semiconductors LPC2102FBD48 Datasheet HTML 25Page - NXP Semiconductors LPC2102FBD48 Datasheet HTML 26Page - NXP Semiconductors LPC2102FBD48 Datasheet HTML 27Page - NXP Semiconductors LPC2102FBD48 Datasheet HTML 28Page - NXP Semiconductors LPC2102FBD48 Datasheet HTML 29Page - NXP Semiconductors LPC2102FBD48 Datasheet HTML 30Page - NXP Semiconductors LPC2102FBD48 Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 37 page
background image
LPC2101_02_03_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 2 June 2009
27 of 37
NXP Semiconductors
LPC2101/02/03
Single-chip 16-bit/32-bit microcontrollers
8.1 Power consumption in Deep power-down mode
Test conditions: Deep power-down mode entered; RTC off; SRAM off;
Vi(VBAT) = VDD(3V3) = VDDA = 3.3 V.
Fig 6.
Core supply current IDD(CORE) measured at different temperatures and supply
voltages
Test conditions: Deep power-down mode entered; Vi(BAT) = 3.3 V; VDD(1V8) = 1.8 V;
VDD(3V3) =VDDA = 3.3 V.
Fig 7.
Battery supply current IBAT measured at different temperatures and conditions
002aae680
Temperature (
°C)
−40
85
35
10
60
−15
0.75
1.25
1
1.5
IDD(CORE)
(
µA)
0.5
1.7 V
1.65 V
VDD(1V8) =1.8 V
002aae681
Temperature (
°C)
−40
85
35
10
60
−15
7.5
12.5
10
15
IBAT
(
µA)
5
RTC off; SRAM on
RTC off; SRAM off
RTC on; SRAM on
RTC on; SRAM off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com